Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF540S Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce IRF540S
Description  Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF540S Fiches technique(HTML) 3 Page - Vishay Siliconix

  IRF540S Datasheet HTML 1Page - Vishay Siliconix IRF540S Datasheet HTML 2Page - Vishay Siliconix IRF540S Datasheet HTML 3Page - Vishay Siliconix IRF540S Datasheet HTML 4Page - Vishay Siliconix IRF540S Datasheet HTML 5Page - Vishay Siliconix IRF540S Datasheet HTML 6Page - Vishay Siliconix IRF540S Datasheet HTML 7Page - Vishay Siliconix IRF540S Datasheet HTML 8Page - Vishay Siliconix IRF540S Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 91022
www.vishay.com
S11-1046-Rev. D, 30-May-11
3
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
IRF540S, SiHF540S
Vishay Siliconix
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Fig. 1 - Typical Output Characteristics, TC = 25 °C
Fig. 2 - Typical Output Characteristics, TC = 175 °C
Fig. 3 - Typical Transfer Characteristics
Fig. 4 - Normalized On-Resistance vs. Temperature
91022_01
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 25 °C
4.5 V
VDS, Drain-to-Source Voltage (V)
100
101
102
101
10-1
VDS, Drain-to-Source Voltage (V)
4.5 V
Bottom
Top
V
GS
15 V
10 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
4.5 V
20 µs Pulse Width
T
C = 175 °C
91022_02
100
101
102
101
10-1
20 µs Pulse Width
V
DS = 50 V
102
101
VGS, Gate-to-Source Voltage (V)
56
789
10
4
25
°C
175
°C
91022_03
I
D = 17 A
V
GS = 10 V
3.0
0.0
0.5
1.0
1.5
2.0
2.5
TJ, Junction Temperature (°C)
91022_04
- 60 - 40 - 20 0
20 40 60 80 100 120 140 160 180


Numéro de pièce similaire - IRF540S

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
IRF540S PHILIPS-IRF540S Datasheet
86Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.100
logo
VBsemi Electronics Co.,...
IRF540S VBSEMI-IRF540S Datasheet
1Mb / 8P
   N-Channel 100-V (D-S) MOSFET
logo
Vishay Siliconix
IRF540S VISHAY-IRF540S Datasheet
216Kb / 9P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRF540SPBF IRF-IRF540SPBF Datasheet
2Mb / 9P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRF540SPBF VISHAY-IRF540SPBF Datasheet
216Kb / 9P
   Power MOSFET
01-Jan-2022
More results

Description similaire - IRF540S

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com