Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIG110GMH Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce TIG110GMH
Description  High Power High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG110GMH Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  TIG110GMH Datasheet HTML 1Page - Sanyo Semicon Device TIG110GMH Datasheet HTML 2Page - Sanyo Semicon Device TIG110GMH Datasheet HTML 3Page - Sanyo Semicon Device TIG110GMH Datasheet HTML 4Page - Sanyo Semicon Device TIG110GMH Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TIG110GMH
No.9018-3/5
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VGE(off)
Gate-to-Emitter Threshold Voltage, VGE(off) -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
VCE -- VGE
Gate-to-Emitter Voltage, VGE -- V
toff, td(off), tf -- RG
Gate Resistance, RG -- Ω
IT16384
0.5
0
100
80
70
60
50
40
30
20
10
90
IT16387
3
0
2.0
4.5
3.0
1.5
1.0
2.5
3.5
4.0
5.0
60
50
40
30
20
10
70
80
90
100
45
11
89
10
67
VCE=10V
8V
Tj= --40
°C
IT16385
0.5
0
100
80
70
60
50
40
30
20
10
90
2.0
4.5
3.0
1.5
1.0
2.5
3.5
4.0
5.0
8V
Tj=25
°C
IT16386
0.5
0
100
80
70
60
50
40
30
20
10
90
2.0
4.5
3.0
1.5
1.0
2.5
3.5
4.0
5.0
10V
8V
Tj=125
°C
4
3
0
1
2
IT16388
5
5
7
9
11
13
15
27A
14A
Tj= --40
°C
IC=54A
4
3
0
1
2
IT16390
5
5
7
9
11
13
15
27A
14A
Tj=125
°C
IC=54A
4
3
0
1
2
IT16389
5
5
7
9
11
13
15
27A
14A
Tj=25
°C
IC=54A
2
3
57
2
3
57
57
3
2
100
1000
1.0
10
IT16391
7
5
3
2
100
7
5
3
2
7
5
3
2
1000
10000
10
t d
(of
f)
VCC=300V
VClamp=600V
L=200
μH
VGE=15V
IC=15A
t f
t off


Numéro de pièce similaire - TIG110GMH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
TIG110BF SANYO-TIG110BF Datasheet
469Kb / 5P
   High Power High Speed Switching Applications
More results

Description similaire - TIG110GMH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
TIG111BF SANYO-TIG111BF Datasheet
466Kb / 5P
   High Power High Speed Switching Applications
TIG111GMH SANYO-TIG111GMH Datasheet
480Kb / 5P
   High Power High Speed Switching Applications
TIG056BF SANYO-TIG056BF Datasheet
330Kb / 4P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG400Q1US65H TOSHIBA-MG400Q1US65H Datasheet
195Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
TIG110BF SANYO-TIG110BF Datasheet
469Kb / 5P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG150Q2YS65H TOSHIBA-MG150Q2YS65H Datasheet
167Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
2SK687 SANYO-2SK687 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
2SK686 SANYO-2SK686 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
logo
Toshiba Semiconductor
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
   Power Amplifier Applications High-Speed Switching Applications
2SC6125 TOSHIBA-2SC6125 Datasheet
156Kb / 5P
   High-Speed Switching Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com