Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TIG110GMH Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce TIG110GMH
Description  High Power High Speed Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TIG110GMH Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  TIG110GMH Datasheet HTML 1Page - Sanyo Semicon Device TIG110GMH Datasheet HTML 2Page - Sanyo Semicon Device TIG110GMH Datasheet HTML 3Page - Sanyo Semicon Device TIG110GMH Datasheet HTML 4Page - Sanyo Semicon Device TIG110GMH Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TIG110GMH
No.9018-2/5
Electrical Characteristics at Tj=25°C, Unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector-to-Emitter Breakdown Voltage
V(BR)CES
IC=1mA, VGE=0V
600
V
Collector-to-Emitter Cutoff Current
ICES
VCE=600V, VGE=0V
Tj=25°C
100
μA
Tj=125°C1
mA
Gate-to-Emitter Leakage Current
IGES
VGE=±30V, VCE=0V
±100
nA
Gate-to-Emitter Threshold Voltage
VGE(off)
VCE=10V, IC=1mA
4.0
5.0
6.0
V
Collector-to-Emitter Saturation Voltage
VCE(sat)1
VGE=15V, IC=15A
Tj=25°C
1.6
2.0
V
Tj=125°C
1.75
V
VCE(sat)2
VGE=15V, IC=40A
Tj=25°C
2.2
V
Input Capacitance
Cies
VCE=30V, f=1MHz
2880
pF
Output Capacitance
Coes
45
pF
Reverse Transfer Capacitance
Cres
38
pF
Turn-ON Delay Time
td(on)
L=200μH, VGE=15V, IC=15A, VCC=300V,
Rg=30Ω, See specified Test Circuit.
65
ns
Rise Time
tr
30
ns
Turn-ON Time
ton
300
ns
Turn-OFF Delay Time
td(off)
250
ns
Fall Time
tf
120
ns
Turn-OFF Time
toff
450
ns
Total Gate Charge
Qg
VCE=300V, VGE=15V, IC=15A
95
nC
Gate-to-Source Charge
Qgs
20
nC
Gate-to-Drain “Miller” Charge
Qgd
30
nC
Thermal Characteristics at Ta=25°C, Unless otherwise specified
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Thermal Resistance (Junction- Case)
Rth(j-c)
Tc=25°C (SANYO’s ideal heat dissipation condition)*3
2.08
°C / W
Thermal Resistance (Junction- at mosphere)
Rth(j-a)
41.7
°C / W
Switching Time Test Circuit
Timing Chart
90%
0
90%
0
10%
10%
VGE
VCE
IC
10%
10%
90%
10%
toff
td(off)
tf
tr
td(on)
ton
IT16383
Diode
RG
VCC
TIG110GMH
15V
0V
VGE
VCLAMP=600V
L


Numéro de pièce similaire - TIG110GMH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
TIG110BF SANYO-TIG110BF Datasheet
469Kb / 5P
   High Power High Speed Switching Applications
More results

Description similaire - TIG110GMH

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
TIG111BF SANYO-TIG111BF Datasheet
466Kb / 5P
   High Power High Speed Switching Applications
TIG111GMH SANYO-TIG111GMH Datasheet
480Kb / 5P
   High Power High Speed Switching Applications
TIG056BF SANYO-TIG056BF Datasheet
330Kb / 4P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG400Q1US65H TOSHIBA-MG400Q1US65H Datasheet
195Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
TIG110BF SANYO-TIG110BF Datasheet
469Kb / 5P
   High Power High Speed Switching Applications
logo
Toshiba Semiconductor
MG150Q2YS65H TOSHIBA-MG150Q2YS65H Datasheet
167Kb / 6P
   High Power & High Speed Switching Applications
logo
Sanyo Semicon Device
2SK687 SANYO-2SK687 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
2SK686 SANYO-2SK686 Datasheet
722Kb / 8P
   High Speed Power Switching Applications
logo
Toshiba Semiconductor
2SA1382 TOSHIBA-2SA1382_09 Datasheet
176Kb / 5P
   Power Amplifier Applications High-Speed Switching Applications
2SC6125 TOSHIBA-2SC6125 Datasheet
156Kb / 5P
   High-Speed Switching Applications Power Amplifier Applications
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com