Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-430A-E Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce STK672-430A-E
Description  2-phase Stepping Motor Driver
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-430A-E Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  STK672-430A-E_11 Datasheet HTML 1Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 2Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 3Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 4Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 5Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 6Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 7Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 8Page - Sanyo Semicon Device STK672-430A-E_11 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
62911HKPC 018-08-0073/N2509HKIM/71608HKIM No.A1127-1/21
STK672-430A-E
Overview
The STK672-430A-E is a hybrid IC for use as a unipolar, 2-phase stepping motor driver with PWM current control.
Applications
• Office photocopiers, printers, etc.
Features
• Built-in overcurrent detection function (output current OFF).
• Built-in overheat detection function (output current OFF).
• If either over-current or overheat detection function is activated, the FAULT1 signal (active low) is output.
The FAULT2 signal is used to output the result of activation of protection circuit detection at 2 levels.
• Built-in power on reset function.
• A micro-step sine wave-driven driver can be activated merely by inputting an external clock.
• External pins can be used to select 2, 1-2 (including pseudo-micro), W1-2, 2 W1-2, or 4W1-2 excitation.
• The switch timing of the 4-phase distributor can be switched by setting an external pin (MODE3) to detect either the
rise and fall, or rise only, of CLOCK input.
• Phase is maintained even when the excitation mode is switched. Rotational direction switching function.
• Supports schmitt input for 2.5V high level input.
• Incorporating a current detection resistor (0.152Ω: resistor tolerance ±2%), motor current can be set using two
external resistors.
• The ENABLE pin can be used to cut output current while maintaining the excitation mode.
• With a wide current setting range, power consumption can be reduced during standby.
• No motor sound is generated during hold mode due to external excitation current control.
• A external excitation system is used for PWM operations. Fixed current control for shifting the phase of Ach/Bch is
used for the PWM phase.
Ordering number : ENA1127B
Thick-Film Hybrid IC
2-phase Stepping Motor Driver
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Numéro de pièce similaire - STK672-430A-E_11

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-430A-E SANYO-STK672-430A-E Datasheet
147Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-430A-E ONSEMI-STK672-430A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
More results

Description similaire - STK672-430A-E_11

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
logo
ON Semiconductor
STK672-432A-E ONSEMI-STK672-432A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-440A-E ONSEMI-STK672-440A-E Datasheet
150Kb / 21P
   2-phase Stepping Motor Driver
June, 2013
STK672-732A-E ONSEMI-STK672-732A-E Datasheet
143Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-523-E ONSEMI-STK672-523-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK682-010-E ONSEMI-STK682-010-E Datasheet
539Kb / 20P
   2-phase Stepping Motor Driver
December, 2013
STK672-120-SL-E ONSEMI-STK672-120-SL-E Datasheet
174Kb / 11P
   2-phase Stepping Motor Driver
June, 2013
STK672-410C-E ONSEMI-STK672-410C-E Datasheet
134Kb / 19P
   2-phase Stepping Motor Driver
June, 2013
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
STK672-612B-E ONSEMI-STK672-612B-E Datasheet
244Kb / 26P
   2-phase Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com