Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU922T Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce BU922T
Description  isc Silicon NPN Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU922T Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  BU922T Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU922T Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
BU922T
DESCRIPTION
·High Voltage
·DARLINGTON
APPLICATIONS
·Designed for automotive ignition applications and inverter
circuits for motor control.
ABSOLUTE MAXIMUM RATINGS (Ta=25)
SYMBOL
PARAMETER
VALUE
UNIT
VCES
Collector-Emitter Voltage VBE= 0
500
V
VCEO
Collector-Emitter Voltage
450
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current
10
A
ICM
Collector Current-peak
15
A
IB
B
Base Current
5
A
PC
Collector Power Dissipation
@TC=25℃
105
W
Tj
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.2
℃/W
isc Website:www.iscsemi.cn


Numéro de pièce similaire - BU922T

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BU922T STMICROELECTRONICS-BU922T Datasheet
272Kb / 5P
   HIGH VOLTAGE POWER DISSIPATION
More results

Description similaire - BU922T

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
T2142 ISC-T2142 Datasheet
171Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2N6532 ISC-2N6532 Datasheet
150Kb / 2P
   isc Silicon NPN Darlington Power Transistor
TIP140T ISC-TIP140T Datasheet
149Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD985 ISC-KSD985 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
KSD986 ISC-KSD986 Datasheet
141Kb / 2P
   isc Silicon NPN Darlington Power Transistor
BDX65B ISC-BDX65B Datasheet
189Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2051 ISC-2SD2051 Datasheet
263Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD2091 ISC-2SD2091 Datasheet
259Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD1566 ISC-2SD1566 Datasheet
271Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD460 ISC-2SD460 Datasheet
249Kb / 2P
   isc Silicon NPN Darlington Power Transistor
2SD605 ISC-2SD605 Datasheet
251Kb / 2P
   isc Silicon NPN Darlington Power Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com