Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC877648B Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC877648B
Description  8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC877648B Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC877648B Datasheet HTML 7Page - Sanyo Semicon Device LC877648B Datasheet HTML 8Page - Sanyo Semicon Device LC877648B Datasheet HTML 9Page - Sanyo Semicon Device LC877648B Datasheet HTML 10Page - Sanyo Semicon Device LC877648B Datasheet HTML 11Page - Sanyo Semicon Device LC877648B Datasheet HTML 12Page - Sanyo Semicon Device LC877648B Datasheet HTML 13Page - Sanyo Semicon Device LC877648B Datasheet HTML 14Page - Sanyo Semicon Device LC877648B Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LC877696B/80B/64B/48B
No.A0965-11/25
Port Output Types
The table below lists the types of port outputs and the presence/absence of a pull-up resistor.
Data can be read into any input port even if it is in the output mode.
Port Name
Option Selected
in Units of
Option Type
Output Type
Pull-up Resistor
1
CMOS
Programmable (Note)
P00 to P07
1 bit
2
N-channel open drain
No
1
CMOS
Programmable
P10 to P17
1 bit
2
N-channel open drain
Programmable
1
CMOS
Programmable
P30 to P31
1 bit
2
N-channel open drain
Programmable
P70
-
No
N-channel open drain
Programmable
P71 to P73
-
No
CMOS
Programmable
P80 to P87
-
No
N-channel open drain
No
S0/PA0 to S31/PD7
-
No
CMOS
Programmable
COM0/PL0 to COM3/PL3
-
No
Input only
No
V1/PL4 to V3/PL6
-
No
Input only
No
XT1
-
No
Input only
No
XT2
-
No
Output for 32.768kHz crystal oscillator (Nch-open
drain when in general-purpose output mode)
No
Note: Programmable pull-up resistors for port 0 are controlled in 4 bit units (P00 to 03, P04 to 07).
*1 Connect the IC as shown below to minimize the noise input to the VDD1 pin.
Be sure to electrically short the VSS1, VSS2, and VSS3 pins.
*2 The internal memory is sustained by VDD1. If none of VDD2 and VDD3 are backed up, the high level output at the
ports are unstable in the HOLD backup mode, allowing through current to flow into the input buffer and thus
shortening the backup time.
Make sure that the port outputs are held at the low level in the HOLD backup mode.
Power
supply
LSI
VDD1
For backup *2
VDD2
VDD3
VSS3
VSS2
VSS1


Numéro de pièce similaire - LC877648B

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
   CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
More results

Description similaire - LC877648B

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com