Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC863528C Fiches technique(PDF) 9 Page - Sanyo Semicon Device

No de pièce LC863528C
Description  8-bit 1-chip Microcontroller
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863528C Fiches technique(HTML) 9 Page - Sanyo Semicon Device

Back Button LC863528C Datasheet HTML 5Page - Sanyo Semicon Device LC863528C Datasheet HTML 6Page - Sanyo Semicon Device LC863528C Datasheet HTML 7Page - Sanyo Semicon Device LC863528C Datasheet HTML 8Page - Sanyo Semicon Device LC863528C Datasheet HTML 9Page - Sanyo Semicon Device LC863528C Datasheet HTML 10Page - Sanyo Semicon Device LC863528C Datasheet HTML 11Page - Sanyo Semicon Device LC863528C Datasheet HTML 12Page - Sanyo Semicon Device LC863528C Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LC863548C/40C/32C/28C/24C/20C/16C
No.A0118-9/17
Continued from preceding page.
• Output form and existence of pull-up resistor for all ports can be specified for each bit.
• Programmable pull-up resistor is always connected regardless of port option, CMOS or N-ch open drain output in port 1.
• Port status in reset
Terminal
I/O
Pull-up resistor status at selecting CMOS output option
Port 0
I
Pull-up resistor OFF, ON after reset release
Port 1
I
Programmable pull-up resistor OFF
Absolute Maximum Ratings / Ta = 25°C, VSS = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD
-0.3
+6.5
Input voltage
VI(1)
RES, HS, VS
-0.3
VDD+0.3
Output voltage
VO(1)
R, G, B, BL, FILT
-0.3
VDD+0.3
Input/output voltage
VIO
Ports 0, 1, 3, 7
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 3, 7
• CMOS output
• For each pin.
-4
Peak
output
current
IOPH(2)
R, G, B, BL
• CMOS output
• For each pin.
-5
ΣIOAH(1)
Ports 0, 1
The total of all pins.
-20
ΣIOAH(2)
Ports 3, 7
The total of all pins.
-10
High
level
output
current
Total
output
current
ΣIOAH(3)
R, G, B, BL
The total of all pins.
-12
IOPL(1)
Ports 0, 1, 3
For each pin.
20
IOPL(2)
Port 7
For each pin.
15
Peak
output
current
IOPL(3)
R, G, B, BL
For each pin.
5
ΣIOAL(1)
Ports 0, 1
The total of all pins.
40
ΣIOAL(2)
Ports 3, 7
The total of all pins.
20
Low
level
output
current
Total
output
current
ΣIOAL(3)
R, G, B, BL
The total of all pins.
12
mA
MFP36SDJ
360
Maximum power
dissipation
Pd max
DIP36S
Ta = -10 to +70°C
610
mW
Operating
temperature range
Topr
-10
+70
Storage
temperature range
Tstg
-55
+125
°C
Recommended Operating Range / Ta = -10°C to +70°C, VSS = 0V
Limits
Parameter
Symbol
Pins
Conditions
VDD [V]
min
typ
max
unit
VDD(1)
0.844
µs ≤ tCYC ≤ 0.852µs
4.5
5.5
Operating supply
voltage range
VDD(2)
VDD
4
µs ≤ tCYC ≤ 400µs
4.5
5.5
Hold voltage
VHD
VDD
RAMs and the registers
data are kept in HOLD
mode.
2.0
5.5
VIH(1)
Port 0
Output disable
4.5 to 5.5
0.6VDD
VDD
VIH(2)
• Ports 1, 3 (Schumitt)
• Port 7 (Schumitt)
port input/interrupt
• RES, HS, VS
(Schumitt)
Output disable
4.5 to 5.5
0.75VDD
VDD
High level input
voltage
VIH(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VDD-0.5
VDD
V
Continued on next page.


Numéro de pièce similaire - LC863528C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863528 SANYO-LC863528 Datasheet
527Kb / 17P
   8-bit 1-chip Microcontroller
LC863528 SANYO-LC863528 Datasheet
612Kb / 22P
   LC86F3548A
LC863528A SANYO-LC863528A Datasheet
640Kb / 19P
   8-Bit Single-Chip Microcontroller
LC863528B SANYO-LC863528B Datasheet
527Kb / 17P
   8-bit 1-chip Microcontroller
More results

Description similaire - LC863528C

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com