Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC863356C Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC863356C
Description  8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863356C Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC863356C Datasheet HTML 7Page - Sanyo Semicon Device LC863356C Datasheet HTML 8Page - Sanyo Semicon Device LC863356C Datasheet HTML 9Page - Sanyo Semicon Device LC863356C Datasheet HTML 10Page - Sanyo Semicon Device LC863356C Datasheet HTML 11Page - Sanyo Semicon Device LC863356C Datasheet HTML 12Page - Sanyo Semicon Device LC863356C Datasheet HTML 13Page - Sanyo Semicon Device LC863356C Datasheet HTML 14Page - Sanyo Semicon Device LC863356C Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
LC863364C/56C/48C/40C/32C/28C/24C/20C/16C
No.A0116-11/21
Recommended Operating Range at Ta = -10°C to +70°C, VSS = 0V
Ratings
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
VDD(1)
0.844
µs ≤ tCYC ≤ 0.852µs
4.5
5.5
Operating
supply voltage
range
VDD(2)
VDD
4
µs ≤ tCYC ≤ 400µs
4.5
5.5
Hold voltage
VHD
VDD
RAMs and the registers
data are kept in HOLD
mode.
2.0
5.5
VIH(1)
Port 0 (Schumitt)
Output disable
4.5 to 5.5
0.6VDD
VDD
VIH(2)
•Ports 1,6 (Schumitt)
•Port 7 (Schumitt)
port input/interrupt
• HS , VS , RES (Schumitt)
Output disable
4.5 to 5.5
0.75VDD
VDD
VIH(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VDD-0.5
VDD
High level input
voltage
VIH(4)
•Port 8
port input
Output disable
4.5 to 5.5
0.7VDD
VDD
VIL(1)
Port 0 (Schumitt)
Output disable
4.5 to 5.5
VSS
0.2VDD
VIL(2)
•Ports 1,6 (Schumitt)
•Port 7 (Schumitt)
port input/interrupt
• HS , VS , RES (Schumitt)
Output disable
4.5 to 5.5
VSS
0.25VDD
VIL(3)
Port 70
Watchdog timer input
Output disable
4.5 to 5.5
VSS
0.6VDD
Low level input
voltage
VIL(4)
Port 8
port input
Output disable
4.5 to 5.5
VSS
0.3VDD
V
tCYC(1)
•All functions
operating
4.5 to 5.5
0.844
0.848
0.852
tCYC(2)
•AD converter
operating
•OSD is not
operating
4.5 to 5.5
0.844
30
Operation
cycle time
tCYC(3)
•OSD and AD converter
are not operating
4.5 to 5.5
0.844
400
µs
Oscillation
frequency
range
FmRC
Internal RC oscillation
4.5 to 5.5
0.4
0.8
3.0
MHz


Numéro de pièce similaire - LC863356C

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863356 SANYO-LC863356 Datasheet
653Kb / 20P
   8-Bit Single Chip Microcontroller
LC863356A SANYO-LC863356A Datasheet
653Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC863356C

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
ENA1384B ONSEMI-ENA1384B Datasheet
269Kb / 30P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.20
ENA1455A ONSEMI-ENA1455A Datasheet
198Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.02
ENA1869A ONSEMI-ENA1869A Datasheet
242Kb / 26P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1898A ONSEMI-ENA1898A Datasheet
177Kb / 27P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00a
ENA1955 ONSEMI-ENA1955 Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ENA1956A ONSEMI-ENA1956A Datasheet
202Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.03
ENA2304 ONSEMI-ENA2304 Datasheet
302Kb / 31P
   8-bit 1-chip Microcontroller
March, 2014 Ver. 1.01
EN8298B ONSEMI-EN8298B Datasheet
167Kb / 23P
   8-bit 1-chip Microcontroller
May, 2013 Ver.3.00
ENA0664 ONSEMI-ENA0664 Datasheet
186Kb / 28P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.01
ENA0886 ONSEMI-ENA0886 Datasheet
204Kb / 29P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F5VP6A SANYO-LC87F5VP6A Datasheet
168Kb / 27P
   8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com