Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC749460W Fiches technique(PDF) 6 Page - Sanyo Semicon Device

No de pièce LC749460W
Description  Silicon gate Digital RGB Processor LSI
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC749460W Fiches technique(HTML) 6 Page - Sanyo Semicon Device

Back Button LC749460W Datasheet HTML 2Page - Sanyo Semicon Device LC749460W Datasheet HTML 3Page - Sanyo Semicon Device LC749460W Datasheet HTML 4Page - Sanyo Semicon Device LC749460W Datasheet HTML 5Page - Sanyo Semicon Device LC749460W Datasheet HTML 6Page - Sanyo Semicon Device LC749460W Datasheet HTML 7Page - Sanyo Semicon Device LC749460W Datasheet HTML 8Page - Sanyo Semicon Device LC749460W Datasheet HTML 9Page - Sanyo Semicon Device LC749460W Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LC749460W
No.A1187-6/20
Continued from preceding page.
The Kinds of Signals
The Number of Pins
Pin Symbol
Explanation
Remarks
Clamp pulse
1
CLPP
Clamp pulse for External ADC
Pulse output to check AD clamp period
1
CLPCVBS1
Clamp level for CVBS1
1
CLPCVBS2
Clamp level for CVBS2
1
CLPSY
Clamp level for SY
1
CLPSC
Clamp level for SC
1
CLPY1
Clamp level for Y1
1
CLPCB1
Clamp level for CB1
1
CLPCR1
Clamp level for CR1
1
CLPY2
Clamp level for Y2
1
CLPCB2
Clamp level for CB2
Clamp level
1
CLPCR2
Clamp level for CR2
Clamp level discriminator output
(large: L, small: H, Coincident: Hi-Z)
PWM output
1
PWMO
PWM
Charge pump output
1
CHPMPDO
Charge pump for built-in PLL
Total
52
-
-
-
3. Control signal
The Kinds of Signals
The Number of Pins
Pin Symbol
Explanation
Remarks
1
SDA
I
2C data
1
SCL
I
2C clock
I
2C bus
1
I
2CSEL
I
2C slave address switch
Low: “0111000+(R/W)”
High: “0111001+(R/W)”
Normally “L”
1
AIDA
3-wire bus data input/output
1
AICS
3-wire bus chip select
3-wire bus
1
AICK
3-wire bus clock
Total
6
-
-
-
4. SDRAM control signal
The Kinds of Signals
The Number of Pins
Pin Symbol
Explanation
Remarks
1
SDCKI
Clock input
clock
1
SDCKO
Clock output
1
SDRAS
Row address strobe signal output
1
SDCAS
Column address strobe signal
output
Control system
signal
1
SDWE
Write enable signal output
11
SDAD
Address signal output
Address system
4
SDBS
Bank select signal output
4
SDDQM
SDRAM data mask signal output
Data system
32
SDDQ
Data input/output
Total
56
-
-
-
5. Other signals
The Kinds of Signals
The Number of Pins
Pin Symbol
Explanation
Remarks
1
SCANMD
SCAN test
Generally fixed as “L”
SCAN test
1
SCANEN
SCAN test
Generally fixed as “L”
Test
2
TEST
Test setting
Generally fixed as “L”
4
VRT
4
VRB
Reference input for ADC
4
DACREFP
ADC/AFE
4
DACREFM
Reference output for ADC
Total
20
-
-
-


Numéro de pièce similaire - LC749460W

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC749402BG SANYO-LC749402BG Datasheet
103Kb / 11P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749402PT SANYO-LC749402PT Datasheet
89Kb / 10P
   CMOS IC Silicon gate LCD Picture Quality Improvement IC
LC749403BG SANYO-LC749403BG Datasheet
230Kb / 13P
   Silicon gate LCD Picture Quality Improvement IC
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
More results

Description similaire - LC749460W

FabricantNo de pièceFiches techniqueDescription
logo
Panasonic Semiconductor
MN82860 PANASONIC-MN82860 Datasheet
192Kb / 4P
   Digital RGB Processor LSI
logo
Sanyo Semicon Device
LC749450NW SANYO-LC749450NW Datasheet
116Kb / 17P
   Silicon Gate CMOS IC Digital RGB Image Processor IC
logo
ON Semiconductor
LC78616PE ONSEMI-LC78616PE_16 Datasheet
335Kb / 27P
   Digital Servo Processor LSI
August 2016 - Rev. 0
logo
Nippon Precision Circui...
SM5852DS NPC-SM5852DS Datasheet
106Kb / 14P
   Digital Audio Processor LSI
logo
Sanyo Semicon Device
LC74900 SANYO-LC74900 Datasheet
188Kb / 14P
   CMOS IC Silicon gate LCD PROCESSOR LSI for small size display
LC78010E SANYO-LC78010E Datasheet
230Kb / 12P
   Video CD and CD-G Digital RGB Encoder LSI
logo
Toshiba Semiconductor
TA8884AN TOSHIBA-TA8884AN Datasheet
2Mb / 54P
   RGB PROCESSOR IC
TA1211N TOSHIBA-TA1211N Datasheet
2Mb / 50P
   Bi-SCANABLE RGB PROCESSOR
logo
ON Semiconductor
LC786965UW ONSEMI-LC786965UW Datasheet
489Kb / 33P
   Single Chip Digital Signal Processor LSI for Compact Disc Players
July 2017 - Rev. 0
logo
Sanyo Semicon Device
LC749880T SANYO-LC749880T Datasheet
118Kb / 17P
   Silicon gate Image controller LSI for LCD-TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com