Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC74761 Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC74761
Description  On-Screen Display LSI
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC74761 Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC74761_11 Datasheet HTML 1Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 2Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 3Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 4Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 5Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 6Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 7Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 8Page - Sanyo Semicon Device LC74761_11 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
N3011HKPC B8-7748,1632/13096HA (OT)/N2894TH (OT) No. 4846-1/21
Overview
The LC74761 and LC74761M are on-screen display CMOS LSIs that superimpose text and low-level graphics onto
a TV screen (video signal) under microcontroller. The display characters have a 12 by 18 dots structure, and 256
characters are provided.
Features
• Display structure: 12 lines by 24 characters (up to 288 characters)
• Maximum character display: Up to 288 characters
• Character configuration: 12 (W) by 18 (H) dots structure
• Number of characters: 256 characters (254 plus space 1 font and transparent space 1 font)
• Character sizes: Three sizes (normal, double, and triple sizes)
• Display starting positions: 64 horizontal and 64 vertical locations
• Reverse video function: Characters can be inverted on a per character basis.
• Flashing types: Two types with periods of 0.5 and 1.0 second on a per character basis (duty fixed at 50%)
• Background color: One of eight colors (when internal synchronization used)
• External control input: Serial data input in 8-bit units
• Built-in horizontal/vertical sync separation circuit, AFC circuit, and synchronization detector
• Video output: Composite video signal output in NTSC, PAL, PAL-M, PAL-N, PAL60, NTSC4.43, or SECAM
format
Ordering number : EN4846C
SANYO Semiconductors
DATA SHEET
LC74761
LC74761M
CMOS IC
On-Screen Display LSI
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment. The products mentioned herein
shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life,
aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal
system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten
human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they
grant any guarantee thereof. If you should intend to use our products for new introduction or other application
different from current conditions on the usage of automotive device, communication device, office equipment,
industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.)
prior to the intended use. If there is no consultation or inquiry before the intended use, our customer shall be
solely responsible for the use.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are
not guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an
independent device, the customer should always evaluate and test devices mounted in the customer
's
products or equipment.


Numéro de pièce similaire - LC74761_11

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74761M SANYO-LC74761M Datasheet
243Kb / 20P
   On-Screen Display LSI
More results

Description similaire - LC74761_11

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC74751 SANYO-LC74751 Datasheet
439Kb / 15P
   On-Screen Display LSI
LC74763 SANYO-LC74763 Datasheet
419Kb / 19P
   On-Screen Display LSI?
logo
ON Semiconductor
LC74772V ONSEMI-LC74772V Datasheet
195Kb / 17P
   On-Screen Display LSI
July, 2013
logo
Sanyo Semicon Device
LC74761 SANYO-LC74761 Datasheet
243Kb / 20P
   On-Screen Display LSI
LC74763 SANYO-LC74763_11 Datasheet
409Kb / 21P
   On-Screen Display LSI
LC74772V SANYO-LC74772V Datasheet
176Kb / 16P
   Camcorder On-Screen Display LSI
LC74795 SANYO-LC74795 Datasheet
656Kb / 30P
   On-Screen Display Controller LSI?
LC74770M SANYO-LC74770M Datasheet
125Kb / 11P
   On-Screen Display Controller LSI
LC74785 SANYO-LC74785 Datasheet
268Kb / 24P
   On-Screen Display Controller LSI
LC74725 SANYO-LC74725 Datasheet
260Kb / 16P
   On-Screen Display Controller LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com