Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC863G24A Fiches technique(PDF) 10 Page - Sanyo Semicon Device

No de pièce LC863G24A
Description  CGROM16K-byte on-chip 768-byte RAM and 352횞9 bit OSD RAM 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863G24A Fiches technique(HTML) 10 Page - Sanyo Semicon Device

Back Button LC863G24A Datasheet HTML 6Page - Sanyo Semicon Device LC863G24A Datasheet HTML 7Page - Sanyo Semicon Device LC863G24A Datasheet HTML 8Page - Sanyo Semicon Device LC863G24A Datasheet HTML 9Page - Sanyo Semicon Device LC863G24A Datasheet HTML 10Page - Sanyo Semicon Device LC863G24A Datasheet HTML 11Page - Sanyo Semicon Device LC863G24A Datasheet HTML 12Page - Sanyo Semicon Device LC863G24A Datasheet HTML 13Page - Sanyo Semicon Device LC863G24A Datasheet HTML 14Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
LC863G64A/56A/48A/40A/32A/28A/24A
No.A0548-10/21
Absolute Maximum Ratings at Ta = 25°C, VSS = 0V
Specification
Parameter
Symbol
Pins
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD
-0.3
+6.5
Input voltage
VI(1)
• RES, HS, VS, CVIN
-0.3
VDD+0.3
Output voltage
VO(1)
R, G, B, I, BL, FILT
-0.3
VDD+0.3
Input/output voltage
VIO
• Ports 0, 1, 6, 7, 8
-0.3
VDD+0.3
V
IOPH(1)
• Ports 0, 1, 7, 8
• CMOS output
• For each pin.
-4
Peak output
current
IOPH(2)
R, G, B, I, BL
• CMOS output
• For each pin.
-5
ΣIOAH(1)
• Ports 0, 1
The total of all pins.
-20
ΣIOAH(2)
Ports 7, 8
The total of all pins.
-10
Total output
current
ΣIOAH(3)
R, G, B, I, BL
The total of all pins.
-15
IOPL(1)
Ports 0, 1, 6, 8
For each pin.
15
IOPL(2)
Port 7
For each pin.
15
Peak output
current
IOPL(3)
R, G, B, I, BL
For each pin.
5
ΣIOAL(1)
Ports 0, 1
The total of all pins.
40
ΣIOAL(2)
Ports 6, 7, 8
The total of all pins.
35
Total output
current
ΣIOAL(3)
R, G, B, I, BL
The total of all pins.
15
mA
DIP42S(600mil)
520
Maximum power
dissipation
Pd max
QIP48E(14
×14)
Ta=-10 to +70
°C
280
mW
Operating
Temperature range
Topr
-10
+70
Storage
temperature range
Tstg
-55
+125
°C


Numéro de pièce similaire - LC863G24A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863096 SANYO-LC863096 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216A SANYO-LC863216A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216C SANYO-LC863216C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
LC863220 SANYO-LC863220 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863220A SANYO-LC863220A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC863G24A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F2924B SANYO-LC87F2924B_09 Datasheet
173Kb / 28P
   FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com