Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC863G48A Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LC863G48A
Description  CGROM16K-byte on-chip 768-byte RAM and 352횞9 bit OSD RAM 8-bit 1-chip Microcontroller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC863G48A Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LC863G48A Datasheet HTML 1Page - Sanyo Semicon Device LC863G48A Datasheet HTML 2Page - Sanyo Semicon Device LC863G48A Datasheet HTML 3Page - Sanyo Semicon Device LC863G48A Datasheet HTML 4Page - Sanyo Semicon Device LC863G48A Datasheet HTML 5Page - Sanyo Semicon Device LC863G48A Datasheet HTML 6Page - Sanyo Semicon Device LC863G48A Datasheet HTML 7Page - Sanyo Semicon Device LC863G48A Datasheet HTML 8Page - Sanyo Semicon Device LC863G48A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
N1506HKIM 20060911-S00002 No.A0548-1/21
Ver.1.00
LC863G64A,LC863G56A
LC863G48A,LC863G40A
LC863G32A,LC863G28A
LC863G24A
Overview
The LC863G64A/56A/48A/40A/32A/28A/24A are 8-bit single chip microcontrollers with the following on-chip
functional blocks:
• CPU: Operable at a minimum bus cycle time of 0.424µs
• On-chip ROM capacity
Program ROM: 64K/56K/48K/40K/32K/28K/24K bytes
CGROM: 16K bytes
• On-chip RAM capacity: 768 bytes
• OSD RAM: 352 × 9 bits
• Closed-Caption TV controller and the on-screen display controller
• Closed-Caption data slicer
• Four channels × 8-bit AD Converter
• Three channels × 7-bit PWM
• Two 16-bit timer/counters, 14-bit base timer
• 8-bit synchronous serial interface circuit
• IIC-bus compliant serial interface circuit (Multi-master type)
• UART interface circuit (full duplex)
• ROM correction function
• 18-source 10-vectored interrupt system
• Integrated system clock generator and display clock generator
Only one X’tal oscillator (32.768kHz) for PLL reference is used for both generators
TV control and the closed caption function
All of the above functions are fabricated on a single chip.
Ordering number : ENA0548
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
CMOS IC
64K/56K/48K/40K/32K/28K/24K-byte ROM,
CGROM16K-byte
on-chip 768-byte RAM and 352
×9 bit OSD RAM
8-bit 1-chip Microcontroller
Trademarks
IIC is a trademark of Philips Corporation.
Note : This product includes the IIC bus interface circuit. If you intend to use the IIC bus interface, please notify us of this in
advance of our receiving your program ROM code order.
Purchase of SANYO IIC components conveys a license under the Philips IIC Patents Rights to use these components in
an IIC system, provided that the system conforms to the IIC Standard Specification as defined by Philips.


Numéro de pièce similaire - LC863G48A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC863096 SANYO-LC863096 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216A SANYO-LC863216A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863216C SANYO-LC863216C Datasheet
502Kb / 21P
   8-bit 1-chip Microcontroller
LC863220 SANYO-LC863220 Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
LC863220A SANYO-LC863220A Datasheet
654Kb / 20P
   8-Bit Single Chip Microcontroller
More results

Description similaire - LC863G48A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F2924B SANYO-LC87F2924B_09 Datasheet
173Kb / 28P
   FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A_09 Datasheet
165Kb / 27P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F5G32A SANYO-LC87F5G32A Datasheet
153Kb / 23P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
   FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com