Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC872G08A Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce LC872G08A
Description  8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC872G08A Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button LC872G08A_10 Datasheet HTML 7Page - Sanyo Semicon Device LC872G08A_10 Datasheet HTML 8Page - Sanyo Semicon Device LC872G08A_10 Datasheet HTML 9Page - Sanyo Semicon Device LC872G08A_10 Datasheet HTML 10Page - Sanyo Semicon Device LC872G08A_10 Datasheet HTML 11Page - Sanyo Semicon Device LC872G08A_10 Datasheet HTML 12Page - Sanyo Semicon Device LC872G08A_10 Datasheet HTML 13Page - Sanyo Semicon Device LC872G08A_10 Datasheet HTML 14Page - Sanyo Semicon Device LC872G08A_10 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LC872G08A/06A/04A
No.A1400-11/27
Absolute Maximum Ratings at Ta = 25
°C, VSS1 =0V
Specification
Parameter
Symbol
Pin/Remarks
Conditions
VDD[V]
min
typ
max
unit
Maximum supply
voltage
VDD max
VDD1
-0.3
+6.5
Input voltage
VI
CF1, CF2
-0.3
VDD+0.3
Input/output
voltage
VIO
Ports 0, 1, 2,
P70
-0.3
VDD+0.3
V
Peak output
current
IOPH
Ports 0, 1, 2
CMOS output select
Per 1 applicable pin
-10
Mean output
current
(Note 1-1)
IOMH
Ports 0, 1, 2
CMOS output select
Per 1 applicable pin
-7.5
ΣIOAH(1)
P10 to P14
Total of all applicable pins
-20
ΣIOAH(2)
Ports 0, 2
P15 to P17
Total of all applicable pins
-20
Total output
current
ΣIOAH(3)
Ports 0, 1, 2
Total of all applicable pins
-25
IOPL(1)
P02 to P07
Ports 1, 2
Per 1 applicable pin
20
IOPL(2)
P00, P01
Per 1 applicable pin
30
Peak output
current
IOPL(3)
P70
Per 1 applicable pin
10
IOML(1)
P02 to P07
Ports 1, 2
Per 1 applicable pin
15
IOML(2)
P00, P01
Per 1 applicable pin
20
Mean output
current
(Note 1-1)
IOML(3)
P70
Per 1 applicable pin
7.5
ΣIOAL(1)
P10 to P14
Total of all applicable pins
50
ΣIOAL(2)
Port 0, 2,
P15 to P17
Total of all applicable pins
60
ΣIOAL(3)
Ports 0, 1, 2
Total of all applicable pins
70
Total output
current
ΣIOAL(4)
P70
Total of all applicable pins
7.5
mA
Pd max(1)
Ta=-40 to +85
°C
Package only
129
Pd max(2)
MFP24S(300mil)
Ta=-40 to +85
°C
Package with thermal
resistance board
(Note 1-2)
229
Pd max(3)
Ta=-40 to +85
°C
Package only
111
Power
Dissipation
Pd max(4)
SSOP24(225mil)
Ta=-40 to +85
°C
Package with thermal
resistance board
(Note 1-2)
334
mW
Operating ambient
temperature
Topr
-40
+85
Storage ambient
temperature
Tstg
-55
+125
°C
Note 1-1: The mean output current is a mean value measured over 100ms.
Note 1-2: SEMI standards thermal resistance board (size: 76.1
×114.3×1.6tmm, glass epoxy) is used.


Numéro de pièce similaire - LC872G08A_10

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC872G08A SANYO-LC872G08A Datasheet
174Kb / 27P
   8-bit 1-chip Microcontroller
More results

Description similaire - LC872G08A_10

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC872H08A SANYO-LC872H08A Datasheet
224Kb / 28P
   CMOS IC 8K/6K/4K-byte ROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBK08A SANYO-LC87FBK08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87FBL08A SANYO-LC87FBL08A Datasheet
185Kb / 28P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2G08A SANYO-LC87F2G08A Datasheet
189Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC87F2H08A SANYO-LC87F2H08A Datasheet
190Kb / 27P
   CMOS IC 8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
LC876D16A SANYO-LC876D16A Datasheet
141Kb / 19P
   ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC66354B SANYO-LC66354B Datasheet
633Kb / 23P
   4-bit Single-Chip Microcontrollers On-Chip 4K/6K/8K-byte ROM
LC875G32A SANYO-LC875G32A Datasheet
149Kb / 23P
   ROM 32K/24K/16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC876D08A SANYO-LC876D08A Datasheet
141Kb / 19P
   CMOS IC ROM 16K/8K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com