Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC88F85D0A Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LC88F85D0A
Description  FROM 256K byte, RAM 8K byte on-chip 16-bit 1-chip Microcontroller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC88F85D0A Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LC88F85D0A Datasheet HTML 4Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 5Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 6Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 7Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 8Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 9Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 10Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 11Page - Sanyo Semicon Device LC88F85D0A Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
LC88F85D0A
No.A1954-8/31
Continued from preceding page.
Coordinate
Coordinate
Pad No.
Pin Name
X
μm
Y
μm
Pad No.
Pin Name
X
μm
Y
μm
95
COM27/SEG11
-1260.0
1569.9
116
-
-
-
96
-
-
-
117
COM16/SEG0
-1919.9
60.0
97
COM26/SEG10
-1420.0
1569.9
118
COM15
-1919.9
-20.0
98
-
-
-
119
COM14
-1919.9
-100.0
99
COM25/SEG9
-1580.0
1569.9
120
COM13
-1919.9
-180.0
100
-
-
-
121
COM12
-1919.9
-260.0
101
COM24/SEG8
-1919.9
1340.0
122
COM11
-1919.9
-340.0
102
-
-
-
123
COM10
-1919.9
-420.0
103
COM23/SEG7
-1919.9
1180.0
124
COM9
-1919.9
-500.0
104
-
-
-
125
COM8
-1919.9
-580.0
105
COM22/SEG6
-1919.9
1020.0
126
COM7
-1919.9
-660.0
106
-
-
-
127
COM6
-1919.9
-740.0
107
COM21/SEG5
-1919.9
860.0
128
COM5
-1919.9
-820.0
108
-
-
-
129
COM4
-1919.9
-900.0
109
COM20/SEG4
-1919.9
700.0
130
COM3
-1919.9
-980.0
110
-
-
-
131
COM2
-1919.9
-1060.0
111
COM19/SEG3
-1919.9
540.0
132
COM1
-1919.9
-1140.0
112
-
-
-
133
COM0
-1919.9
-1220.0
113
COM18/SEG2
-1919.9
380.0
134
LCSVSS0
-1919.9
-1320.0
114
-
-
-
135
CUP00
-1919.9
-1443.3
115
COM17/SEG1
-1919.9
220.0
136
CUP01
-1919.9
-1523.3
Note:
• The coordinate values shown in the above table represent the coordinates of the pin pads measured with the center
coordinates of the IC set to (0, 0).
• There are three pads for each of the VDD and VSS pins. They should be triple bonded.


Numéro de pièce similaire - LC88F85D0A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC88F85D0A ONSEMI-LC88F85D0A Datasheet
307Kb / 31P
   16-bit 1-chip Microcontroller
May, 2013 Ver.1.10
More results

Description similaire - LC88F85D0A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A_09 Datasheet
152Kb / 21P
   FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC88F5LA4ACS SANYO-LC88F5LA4ACS Datasheet
227Kb / 33P
   FROM 96K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F7J32A SANYO-LC87F7J32A Datasheet
209Kb / 29P
   FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com