Moteur de recherche de fiches techniques de composants électroniques |
|
LC87F2924B Fiches technique(PDF) 5 Page - Sanyo Semicon Device |
|
LC87F2924B Fiches technique(HTML) 5 Page - Sanyo Semicon Device |
5 / 28 page LC87F2924B No.A1211-5/28 Programming Boards Package Programming boards QIP64E (14 ×14) W87F50256Q TQFP64J (7 ×7) W87F58256TQ7 FLGA68K (6.0 ×6.0) W87F58256FL6 * This board is Built To Order. It may take about a month to deliver. FLGA64 (5.0 ×5.0) W87F59256FL5 * This board is Built To Order. It may take about a month to deliver. Flash ROM Programmer Maker Model Supported version Device Flash Support Group, Inc. (FSG) Single Programmer AF9708 AF9709/AF9709B/AF9709C (Including Ando Electric Co., Ltd. models) Rev 02.82 or later LC87F2924B AF9101/AF9103(Main body) (FSG models) Flash Support Group, Inc. (FSG) + SANYO (Note 1) In-circuit Programmer SIB87(Inter Face Driver) (SANYO model) (Note 2) LC87F2924B Single/Gang Programmer SKK/SKK Type B (SANYO FWS) SANYO In-circuit/Gang Programmer SKK-DBG Type B (SANYO FWS) Application Version 1.04 or later Chip Data Version 2.11 or later LC87F2924 Note1: On-board-programmer from FSG (AF9101/AF9103) and serial interface driver from SANYO (SIB87) together can give a PC-less, standalone on-board-programming capabilities. Note2: It needs a special programming devices and applications depending on the use of programming environment. Please ask FSG or SANYO for the information. Package Dimensions Package Dimensions unit : mm (typ) unit : mm (typ) 3159A 3289 SANYO : TQFP64J(7X7) 7.0 9.0 0.125 0.16 0.4 (0.5) 1 16 33 48 17 64 32 49 SANYO : QIP64E(14X14) 14.0 17.2 0.15 0.35 0.8 (1.0) 116 17 32 33 48 49 64 |
Numéro de pièce similaire - LC87F2924B_09 |
|
Description similaire - LC87F2924B_09 |