Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F1364A Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce LC87F1364A
Description  8-bit 1-chip Microcontroller with Low-speed USB
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1364A Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  LC87F1364A Datasheet HTML 1Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 2Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 3Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 4Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 5Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1364A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
LC87F1364A
No.A0137-5/22
Package Dimensions
unit : mm (typ)
3112B
Pin Assignment
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
P05/AN5/CKO
P06/AN6/T6O
P07/AN7/T7O
P70/INT0/T0LCP/AN8/DPUP
D+
D-
RES
P17/FILT
VSS1
XT1/CF1
XT2/CF2
VDD1
P04/AN4/DBGP2
P03/AN3/DBGP1
P02/AN2/DBGP0
P01/AN1/URX1
P00/AN0/UTX1
P16/PWM1
P15/SCK1/INT3/T0IN/PWM0
P14/SI1/SB1/INT2/T0IN
P13/SO1/INT1/T0HCP
P12/SCK0
P11/SI0/SB0
P10/SO0
MFP24S
Top view
SANYO : MFP24S(300mil)
1
12
13
24
12.5
0.15
1.0
0.35
(0.75)


Numéro de pièce similaire - LC87F1364A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F14C8A SANYO-LC87F14C8A Datasheet
177Kb / 26P
   CMOS IC FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
LC87F14C8SA SANYO-LC87F14C8SA Datasheet
174Kb / 26P
   FROM 128K byte, RAM 10K byte on-chip 8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F17C8A ONSEMI-LC87F17C8A Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
LC87F17C8AUWA-2H ONSEMI-LC87F17C8AUWA-2H Datasheet
382Kb / 36P
   LC87F17C8A
November 2014 - Rev. 0
logo
Sanyo Semicon Device
LC87F1964A SANYO-LC87F1964A Datasheet
179Kb / 28P
   CMOS IC FROM 64K byte, RAM 5K byte on-chip 8-bit 1-chip Microcontroller With USB-host Controller
More results

Description similaire - LC87F1364A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A_09 Datasheet
181Kb / 26P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1G64A SANYO-LC87F1G64A Datasheet
191Kb / 29P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1HC4A_0812 SANYO-LC87F1HC4A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
logo
ON Semiconductor
LC87F1HC8AUWA-2H ONSEMI-LC87F1HC8AUWA-2H Datasheet
197Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
May, 2013 Ver.1.06
logo
Sanyo Semicon Device
LC87F1L16A SANYO-LC87F1L16A Datasheet
159Kb / 24P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8A_0812 SANYO-LC87F1HC8A_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1HC8SA_0812 SANYO-LC87F1HC8SA_0812 Datasheet
179Kb / 27P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ2A SANYO-LC87F1JJ2A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
LC87F1JJ8A SANYO-LC87F1JJ8A Datasheet
180Kb / 28P
   8-bit 1-chip Microcontroller with USB-host controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com