Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F5JC8A Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC87F5JC8A
Description  FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F5JC8A Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC87F5JC8A Datasheet HTML 1Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 2Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 3Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 4Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 5Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 6Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 7Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 8Page - Sanyo Semicon Device LC87F5JC8A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
LC87F5JC8A
No.8297-3/25
UART
• Full duplex
• 7/8/9 bit data bits selectable
• 1 stop bit(2-bit in continuous data transmission)
• Built-in baudrate generator
AD Converter: 8-bit × 11-channels
PWM: Multifrequency 12-bit PWM × 2-channels
Remote Control Receiver Circuit (sharing pins with P73, INT3, and T0IN)
• Noise rejection function (noise filter time constant selectable from 1 tCYC, 32 tCYC, and 128 tCYC)
Watchdog Timer
• External RC watchdog timer
• Interrupt and reset signals selectable
Clock Output Function
1) Able to output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 as system clock.
2) Able to output oscillation clock of sub clock.
Interrupts
• 26 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests
of the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest
level takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest
vector address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4
4
0001BH
H or L
INT3/INT5/base timer
5
00023H
H or L
T0H/INT6
6
0002BH
H or L
T1L/T1H/INT7
7
00033H
H or L
SIO0/UART1 receive/T8L/T8H
8
0003BH
H or L
SIO1/UART1 transmit
9
00043H
H or L
ADC/T6/T7
10
0004BH
H or L
Port 0/T4/T5/PWM2, PWM3
• Priority levels X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.
• IFLG (list of interrupt source flag function)
3) Shows a list of interrupt source flags that caused a branching to a particular vector address (shown in the
diagram above).
Subroutine Stack Levels: 2048 levels (the stack is allocated in RAM)
High-speed Multiplication/Division Instructions
• 16-bits × 8-bits
(5 tCYC execution time)
• 24-bits × 16-bits
(12 tCYC execution time)
• 16-bits ÷ 8-bits
(8 tCYC execution time)
• 24-bits ÷ 16-bits
(12 tCYC execution time)


Numéro de pièce similaire - LC87F5JC8A

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LC87F5JC8A ONSEMI-LC87F5JC8A Datasheet
173Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.05
More results

Description similaire - LC87F5JC8A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
   FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
   ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F76C8A SANYO-LC87F76C8A Datasheet
163Kb / 24P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A_10 Datasheet
171Kb / 26P
   FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
LC88F83B0A SANYO-LC88F83B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F58B0A SANYO-LC88F58B0A Datasheet
160Kb / 25P
   FROM 128K byte, RAM 4096K byte on-chip 16-bit 1-chip Microcontroller
LC88F52H0A SANYO-LC88F52H0A Datasheet
173Kb / 31P
   FROM 128K byte, RAM 6K byte on-chip 16-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com