Moteur de recherche de fiches techniques de composants électroniques |
|
LC87F1L16A Fiches technique(PDF) 8 Page - Sanyo Semicon Device |
|
LC87F1L16A Fiches technique(HTML) 8 Page - Sanyo Semicon Device |
8 / 24 page LC87F1L16A No.A1835-8/24 Pin Description Pin Name I/O Description Option VSS1,VSS2, VSS3 - - power supply No VDD1, VDD2 - + power supply No VDD3 - USB reference voltage Yes Port 0 P00 to P07 I/O • 8-bit I/O ports • I/O specifiable in 4-bit units • Pull-up resistors can be turned on and off in 4-bit units. • HOLD reset input • Port 0 interrupt input • Pin functions AD converter input ports: AN0 to AN7(P00 to P07) Onchip debugger pins: DBGP0 to DBGP2(P02 to P04) P05: System clock output P06: Timer 6 toggle output P07: Timer 7 toggle output Yes Port 1 P10 to P17 I/O • 8-bit I/O ports • I/O specifiable in 1-bit units • Pull-up resistors can be turned on and off in 1-bit units. • Pin functions P10: SIO0 data output P14: SIO1 data input/bus input/output P11: SIO0 data input/bus input/output P15: SIO1 clock input/output P12: SIO0 clock input/output P16: Timer 1 PWML output P13: SIO1 data output P17: Timer 1 PWMH output/beeper output Yes Port 2 • 6-bit I/O ports • I/O specifiable in 1-bit units • Pull-up resistors can be turned on and off in 1-bit units. • Pin functions P20 to P23: INT4 input/HOLD reset input/timer 1 event input/timer 0L capture input/ timer 0H capture input P24 to P27: INT5 input/HOLD reset input/timer 1 event input/timer 0L capture input/ timer 0H capture input P20: INT6 input/timer 0L capture 1 input P24: INT7 input/timer 0H capture 1 input Interrupt acknowledge types Rising Falling Rising & Falling H level L level INT4 enable enable enable disable disable INT5 enable enable enable disable disable INT6 enable enable enable disable disable INT7 enable enable enable disable disable P20 to P25 I/O Yes Port 3 P30 to P34 I/O • 5-bit I/O ports • I/O specifiable in 1-bit units • Pull-up resistors can be turned on and off in 1-bit units. • Pin functions P30: UART1 transmit P31: UART1 receive P34: USB interface PLL filter pin (see Fig. 5.) Yes Continued on next page. |
Numéro de pièce similaire - LC87F1L16A |
|
Description similaire - LC87F1L16A |
|
|
Lien URL |
Politique de confidentialité |
ALLDATASHEET.FR |
ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |