Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LC87F1A32A Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LC87F1A32A
Description  8-bit 1-chip Microcontroller with Full-Speed USB
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F1A32A Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LC87F1A32A Datasheet HTML 1Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 2Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 3Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 4Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 5Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 6Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 7Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 8Page - Sanyo Semicon Device LC87F1A32A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LC87F1A32A
No.A0704-3/26
Full Duplex UART
1) Data length: 7/8/9 bits selectable
2) Stop bits: 1 bit (2 bits in continuous transmission mode)
3) Baud rate: 16/3 to 8192/3 tCYC
AD Converter: 12 bits
× 12 channels
• 12-/8-bit resolution selectable AD converter
• Reference-voltage automatic generation control
PWM: Multifrequency 12-bit PWM
× 2 channels
Infrared Remote Controller Receiver Circuit
1) Noise rejection function (noise filter time constant: Approx. 120
μs when the 32.768kHz crystal oscillator is
selected as the reference voltage source)
2) Supports data encoding systems such as PPM (Pulse Position Modulation) and Manchester encoding
3) X'tal HOLD mode release function
USB Interface (function controller)
• Compliant with USB 2.0 Full-Speed
• Supports a maximum of 4 user-defined endpoints.
Endpoint
EP0
EP1
EP2
EP3
EP4
Control
-
-
-
-
Bulk
-
Interrupt
-
Transfer
Type
Isochronous
-
Max. payload
64
64
64
64
64
Watchdog Timer
• External RC watchdog timer
• Interrupt and reset signals selectable
Clock Output Function
1) Able to output selected oscillation clock 1/1, 1/2, 1/4, 1/8, 1/16, 1/32, 1/64 as system clock.
2) Able to output oscillation clock of sub clock.
Interrupts
• 28 sources, 10 vector addresses
1) Provides three levels (low (L), high (H), and highest (X)) of multiplex interrupt control. Any interrupt requests of
the level equal to or lower than the current interrupt are not accepted.
2) When interrupt requests to two or more vector addresses occur at the same time, the interrupt of the highest level
takes precedence over the other interrupts. For interrupts of the same level, the interrupt into the smallest vector
address takes precedence.
No.
Vector Address
Level
Interrupt Source
1
00003H
X or L
INT0
2
0000BH
X or L
INT1
3
00013H
H or L
INT2/T0L/INT4/USB bus active/Remote control receive
4
0001BH
H or L
INT3/INT5/base timer
5
00023H
H or L
T0H
6
0002BH
H or L
T1L/T1H
7
00033H
H or L
SIO0/USB bus reset/USB suspend/UART1 receive
8
0003BH
H or L
SIO1/USB endpoint/USB-SOF/SIO4/UART1 transmit
9
00043H
H or L
ADC/T6/T7
10
0004BH
H or L
Port 0/PWM0/PWM1
• Priority Level: X > H > L
• Of interrupts of the same level, the one with the smallest vector address takes precedence.


Numéro de pièce similaire - LC87F1A32A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F1A32A SANYO-LC87F1A32A Datasheet
175Kb / 26P
   CMOS IC FROM 32K byte, RAM 2048K byte on-chip 8-bit 1-chip Microcontroller with Full-Speed USB
logo
ON Semiconductor
LC87F1A32A ONSEMI-LC87F1A32A Datasheet
245Kb / 26P
   8-bit Microcontroller
July, 2014
LC87F1A32AUWA-2H ONSEMI-LC87F1A32AUWA-2H Datasheet
245Kb / 26P
   8-bit Microcontroller
July, 2014
More results

Description similaire - LC87F1A32A

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LC87F1M16A SANYO-LC87F1M16A Datasheet
199Kb / 32P
   8-bit 1-chip Microcontroller with Full-Speed USB
LC87F1G64A SANYO-LC87F1G64A Datasheet
191Kb / 29P
   8-bit 1-chip Microcontroller with Full-Speed USB
logo
ATMEL Corporation
AT83C5134 ATMEL-AT83C5134 Datasheet
1Mb / 171P
   8-bit Microcontroller with Full Speed USB Device
logo
NEC
UPD78F0730MC-CAB-AX NEC-UPD78F0730MC-CAB-AX Datasheet
426Kb / 2P
   8-Bit Microcontroller with Full-Speed USB 2.0
logo
Sanyo Semicon Device
LC87F1364A SANYO-LC87F1364A Datasheet
145Kb / 22P
   8-bit 1-chip Microcontroller with Low-speed USB
logo
ATMEL Corporation
AT89C5130A-M ATMEL-AT89C5130A-M_08 Datasheet
1Mb / 188P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L Datasheet
2Mb / 184P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131A-L ATMEL-AT89C5131A-L_07 Datasheet
1Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5130A-M ATMEL-AT89C5130A-M_06 Datasheet
2Mb / 186P
   8-bit Flash Microcontroller with Full Speed USB Device
AT89C5131 ATMEL-AT89C5131 Datasheet
2Mb / 176P
   8-bit Flash Microcontroller with Full Speed USB Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com