Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1936V Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LB1936V
Description  1-2 Phase Excitation Stepping Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1936V Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LB1936V Datasheet HTML 1Page - Sanyo Semicon Device LB1936V Datasheet HTML 2Page - Sanyo Semicon Device LB1936V Datasheet HTML 3Page - Sanyo Semicon Device LB1936V Datasheet HTML 4Page - Sanyo Semicon Device LB1936V Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LB1936V
No.7233-2/5
Allowable Operating Range at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
2.5 to 9.5
Supply voltage
VS
2.5 to 9.5
V
High-level input voltage
VIH
2.0 to 7.5
V
Low-level input voltage
VIL
-0.3 to 0.7
V
Electrical Characteristics at Ta
= 25°C, VCC = VS = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
ICC0
IN1 = IN2 = IN3 = IN4 = 0V
0.1
1
μA
VCC system power supply
current
ICC1
IN1 = IN3 = 3V, IN2 = IN4 = 0V
10
16
mA
IS0
IN1 = IN2 = IN3 = IN4 = 0V
0.1
1
μA
VS system power supply current
IS1
IN1 = IN3 = 3V, IN2 = IN4 = 0V
12
19
mA
VOUT1
VCC = VS = 3V to 7.5V, VIN = 3V or 0V,
IOUT = 200mA (High and low side)
-
0.25
0.4
V
Output saturation voltage
VOUT2
VCC = VS = 4V to 7.5V, VIN = 3V or 0V,
IOUT = 400mA (High and low side)
-
0.5
0.8
V
Input current
IIN
VIN = 5V
150
200
μA
Spark killer diode
Reverse current
IS(leak)
30
μA
Forward voltage
VSF
IOUT = 400mA
1.7
V
Package Dimensions
unit:mm (typ)
3178B
SANYO : SSOP16(225mil)
5.2
0.22
0.65
(0.33)
18
9
16
0.15
Mounted on the specified circuit board
0
1.0
0.6
0.2
0.4
0.8
-20
100
80
60
20
040
0.74
Ambient temperature, Ta – °C
Pd max – Ta
Specified circuit board : 114.3
× 76.1 × 1.6mm3
glass epoxy board


Numéro de pièce similaire - LB1936V

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1936V ONSEMI-LB1936V Datasheet
151Kb / 5P
   Monolithic Digital IC 1-2 Phase Excitation Stepping Motor Driver
June, 2013
LB1936V ONSEMI-LB1936V Datasheet
185Kb / 5P
   1-2 Phase Excitation Stepper Motor Driver
September, 2013
LB1936V-TLM-E ONSEMI-LB1936V-TLM-E Datasheet
185Kb / 5P
   1-2 Phase Excitation Stepper Motor Driver
September, 2013
More results

Description similaire - LB1936V

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1937T SANYO-LB1937T Datasheet
225Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1937T ONSEMI-LB1937T Datasheet
187Kb / 7P
   1-2 Phase Excitation Stepping Motor Driver
June, 2013
LB1936V ONSEMI-LB1936V Datasheet
151Kb / 5P
   Monolithic Digital IC 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T SANYO-LB11948T_10 Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
LB11948T SANYO-LB11948T_07 Datasheet
137Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB11948T-TLM-E ONSEMI-LB11948T-TLM-E Datasheet
161Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB11948T-TLM-E SANYO-LB11948T-TLM-E Datasheet
167Kb / 13P
   PWM Constant Current Control 1-2 Phase Excitation Stepping Motor Driver
logo
ON Semiconductor
LB1936V-TLM-E ONSEMI-LB1936V-TLM-E Datasheet
185Kb / 5P
   1-2 Phase Excitation Stepper Motor Driver
September, 2013
logo
Sanyo Semicon Device
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com