Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1933M Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LB1933M
Description  Low-saturation Forward/Reverse Motor Drive
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1933M Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LB1933M Datasheet HTML 1Page - Sanyo Semicon Device LB1933M Datasheet HTML 2Page - Sanyo Semicon Device LB1933M Datasheet HTML 3Page - Sanyo Semicon Device LB1933M Datasheet HTML 4Page - Sanyo Semicon Device LB1933M Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LB1933M
No.6506-3/5
Pin Assignment
Truth Table
IN 1/2
ENA 1/2
OUT 1/3
OUT 2/4
Mode
L
H
H
L
Forward
H
H
L
H
Reverse
L
L
OFF
OFF
Standby
H
L
OFF
OFF
Standby
1
14
VCC
GND
2
13
ENA1
ENA2
3
12
OUT1
OUT3
4
11
VS1
VS2
5
10
OUT2
OUT4
6
9
IN1
IN2
7
8
GND
Top view
VCONT
LB1933M
ILB00047
Note: Connect both ground pins.


Numéro de pièce similaire - LB1933M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1933M ONSEMI-LB1933M Datasheet
60Kb / 5P
   Low-Saturation Bidirectional Motor Driver
June, 2013
More results

Description similaire - LB1933M

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC-AH ONSEMI-LV8548MC-AH Datasheet
128Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LB1948M SANYO-LB1948M Datasheet
60Kb / 6P
   Low saturation voltage drive forward/reverse 12 V motor driver
logo
ON Semiconductor
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
logo
ON Semiconductor
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com