Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1876 Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LB1876
Description  For Polygon Mirror Motors 3-phase Brushless Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1876 Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LB1876_09 Datasheet HTML 1Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 2Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 3Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 4Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 5Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 6Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 7Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 8Page - Sanyo Semicon Device LB1876_09 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LB1876
No.6201-3/12
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Phase Comparator Output
Output High level voltage
VPDH
IOH = -100µA
VREG-0.2
VREG-0.1
V
Output Low level voltage
VPDL
IOH = 100µA
0.2
0.3
V
Output source current
IPD+
VPD = VREG/2
-0.5
mA
Output sink current
IPD−
VPD = VREG/2
1.5
mA
Phase Lock Detector Output
Output saturation voltage
VOL(LD)
ILD = 10mA
0.15
0.5
V
Output leak current
IL(LD)
VO = VCC
10
µA
Error Amplifier
Input offset voltage
VIO(ER)
Design target value*
-10
+10
mV
Input bias current
IB(ER)
-1
+1
µA
Output High level voltage
VOH(ER)
IOH = -500µA
VREG-1.2
VREG-0.9
V
Output Low level voltage
VOL(ER)
IOL = 500µA
0.9
1.2
V
DC bias level
VB(ER)
-5%
VREG/2
+5%
V
Current Limiter
GDF1
In phase lock mode
0.4
0.5
0.6
times
Drive gain
GDF2
In unlock mode
0.8
1.0
1.2
times
Limiter voltage
VRF
VCC - VM
0.45
0.5
0.55
V
Thermal Shutdown Operation
Operating temperature
TSD
Design target value* (junction temperature)
150
180
°C
Hysteresis width
∆TSD
Design target value* (junction temperature)
40
°C
Low Voltage Protection
Operating voltage
VSD
8.1
8.5
8.9
V
Hysteresis
∆VSD
0.2
0.35
0.5
V
CLD Circuit
External capacitor charge current
ICLD
-6
-4.3
-3
V
Operating voltage
VH(CLD
3.25
3.5
3.75
V
CLK Pin
External input frequency
fI(CKIN)
0.1
10
kHz
High level input voltage
VIH(CKIN)
3.5
VREG
V
Low level input voltage
VIL(CKIN)
0
1.5
V
Input open voltage
VIO(CKIN)
VREG-0.5
VREG
V
Hysteresis width
VIS(CKIN)
0.35
0.5
0.65
V
High level input current
IIH(CKIN)
VCKIN = VREG
-10
0
+10
µA
Low level input current
IIL(CKIN)
VCKIN = 0V
-280
-210
µA
S/S Pin
High level input voltage
VIH(SS)
3.5
VREG
V
Low level input voltage
VIL(SS)
0
1.5
V
Input open voltage
VIO(SS)
VREG-0.5
VREG
V
Hysteresis width
VIS(SS)
0.35
0.5
0.65
V
High level input current
IIH(SS)
VS/S = VREG
-10
0
+10
µA
Low level input current
IIL(SS)
VS/S = 0V
-280
-210
µA
LDSEL Pin
High level input voltage
VIH(LDSEL)
3.5
VREG
V
Low level input voltage
VIL(LDSEL)
0
1.5
V
Input open voltage
VIO(LDSEL)
VREG-0.5
VREG
V
High level input current
IIH(LDSEL)
VLDSEL = VREG
-10
0
+10
µA
Low level input current
IIL(LDSEL)
VLDSEL = 0V
-280
-210
µA
BRSEL Pin
High level input voltage
VIH(BRSEL)
3.5
VREG
V
Low level input voltage
VIL(BRSEL)
0
1.5
V
Input open voltage
VIO(BRSEL)
VREG-0.5
VREG
V
High level input current
IIH(BRSEL)
VBRSEL = VREG
-10
0
+10
µA
Low level input current
IIL(BRSEL)
VBRSEL = 0V
-280
-210
µA
*Design target value, Do not measurement.


Numéro de pièce similaire - LB1876_09

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
ON Semiconductor
LB1876 ONSEMI-LB1876 Datasheet
169Kb / 12P
   3-phase Brushless Motor Driver
May, 2013
More results

Description similaire - LB1876_09

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
LV8112V_1002 SANYO-LV8112V_1002 Datasheet
305Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V_0910 SANYO-LV8111V_0910 Datasheet
295Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V Datasheet
314Kb / 13P
   Bi-CMOS IC For Polygon Mirror Motor 3-phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com