Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LB1867M Fiches technique(PDF) 1 Page - Sanyo Semicon Device

No de pièce LB1867M
Description  2-phase Brushless Fan Motor Driver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1867M Fiches technique(HTML) 1 Page - Sanyo Semicon Device

  LB1867M_09 Datasheet HTML 1Page - Sanyo Semicon Device LB1867M_09 Datasheet HTML 2Page - Sanyo Semicon Device LB1867M_09 Datasheet HTML 3Page - Sanyo Semicon Device LB1867M_09 Datasheet HTML 4Page - Sanyo Semicon Device LB1867M_09 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
31109 MS 20080221-S00008 / 83100RM(KI) No.6204-1/5
LB1867M
Overview
The LB1867M is a 2-phase unipolar brushless motor driver. With only a few peripheral parts, lockup protection and
automatic recovery can be implemented. The IC can be configured for 12V or 24V operation and a wide range of variations,
from Low speed to H-High speed and from 60cm to 120cm square using the same PCB. This makes it easy to design highly
reliable fan motor installations.
Features
• Output protection Zener diode with variable withstand voltage
Z1, Z2 pins open: VOLM = 57V (24V specification)
Z1, Z2 pins shorted: VOLM = 32V (12V specification)
External Zener diode connected across Z1
− VCC pins: support for fans with large drive current
• External resistor allows configuration for 12V or 24V
• Direct Hall element connection possible (built-in Hall amplifier with hysteresis supports core without auxiliary electrode)
• Built-in output transistor with 1.0A output current (strengthened negative-current support for core without auxiliary electrode)
• Built-in rotation detection function: Low during rotation and High during stop
• Built-in lockup protection with automatic recovery
• Built-in thermal shutdown
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum input current
ICC max
t
≤ 20ms
200
mA
Maximum applied output voltage
VOUT max
Internal
V
Maximum output current
IOUT max
1.0
A
Maximum current flowing into RD pin
IRD max
10
mA
Maximum RD applied voltage
VRD max
30
V
Allowable power dissipation
Pd max
Mounted on a specified board *
800
mW
Operating temperature
Topr
-30 to +80
°C
Storage temperature
Tstg
-55 to +150
°C
* Specified board: 20mm
× 15mm × 1.5mm, glass epoxy board.
Monolithic Digital IC
2-phase Brushless
Fan Motor Driver
Ordering number : EN6204A


Numéro de pièce similaire - LB1867M_09

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
   Two-Phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
More results

Description similaire - LB1867M_09

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LB1868M SANYO-LB1868M_09 Datasheet
88Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
ON Semiconductor
LB1867M ONSEMI-LB1867M Datasheet
86Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
LB1868 ONSEMI-LB1868 Datasheet
84Kb / 5P
   2-phase Brushless Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1868 SANYO-LB1868_09 Datasheet
84Kb / 5P
   2-phase Brushless Fan Motor Driver
logo
Rohm
BM6202FS ROHM-BM6202FS Datasheet
663Kb / 23P
   3-Phase Brushless Fan Motor Driver
BM6214FS ROHM-BM6214FS Datasheet
1Mb / 31P
   3-Phase Brushless Fan Motor Driver
BM6203FS ROHM-BM6203FS Datasheet
688Kb / 24P
   3-Phase Brushless Fan Motor Driver
logo
Sanyo Semicon Device
LB1867M SANYO-LB1867M Datasheet
44Kb / 5P
   Two-Phase Brushless Fan Motor Driver
logo
Rohm
BM6242FS ROHM-BM6242FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
BM6243FS ROHM-BM6243FS Datasheet
2Mb / 27P
   3-Phase Brushless Fan Motor Driver
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com