Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA8160V Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA8160V
Description  AGC Amplifier and Pre Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA8160V Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA8160V_08 Datasheet HTML 1Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 2Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 3Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 4Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 5Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 6Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 7Page - Sanyo Semicon Device LA8160V_08 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA8160V
No.A0513-4/8
Continued from preceding page
Pin Number
Description
Equivalent circuit
11
Driver Amp. Output
6
7
Driver Amp. Output
9
IF AGC Control
8
Function switch
5
Ω
40mA
11
5mA
VCC
5mA
6
30
Ω
7
30
Ω
9
VCC
1k
Ω
8
VCC
30k
Ω


Numéro de pièce similaire - LA8160V_08

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
More results

Description similaire - LA8160V_08

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA8161V SANYO-LA8161V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
LA8160V SANYO-LA8160V Datasheet
89Kb / 7P
   Monolithic Linear IC AGC Amplifier and Pre Amplifier
logo
California Eastern Labs
UPC3230GR CEL-UPC3230GR Datasheet
1Mb / 9P
   Bipolar Analog Integrated Circuit (AGC AMPLIFIER PRE AMPLIFIER IC)
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
logo
Texas Instruments
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
[Old version datasheet]   AGC AMPLIFIER
SN761666 TI-SN761666 Datasheet
156Kb / 9P
[Old version datasheet]   AGC AMPLIFIER
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com