Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA7161BV Fiches technique(PDF) 4 Page - Sanyo Semicon Device

No de pièce LA7161BV
Description  VHF Band RF Modulator (US3, 4ch, JPN1, 2ch,TWN13ch compatible)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA7161BV Fiches technique(HTML) 4 Page - Sanyo Semicon Device

  LA7161BV Datasheet HTML 1Page - Sanyo Semicon Device LA7161BV Datasheet HTML 2Page - Sanyo Semicon Device LA7161BV Datasheet HTML 3Page - Sanyo Semicon Device LA7161BV Datasheet HTML 4Page - Sanyo Semicon Device LA7161BV Datasheet HTML 5Page - Sanyo Semicon Device LA7161BV Datasheet HTML 6Page - Sanyo Semicon Device LA7161BV Datasheet HTML 7Page - Sanyo Semicon Device LA7161BV Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA7161BM/BV
No.A0006-4/8
Pin Equivalent Circuit
Pin No.
Symbol
Voltage
Equivalent circuit
Remarks
1
P/S
ADJ
2.7
Capacitor and additionally a resistor may be inserted
between the circuit and GND to attenuate the audio
inter-carrier level.
2
AUDIO
IN
0
FM audio input
3
FM
LPF
2.2
Control pin of output FM oscillator for the PLL phase
detector charge pump.
4
GND
0
5
VIDEO
IN
2.6
Video input
Clamped with sink chip
6
CARR
OFF
-
Hi:14PIN Hi RF Operating
Lo:14PIN Lo RF Stop
Continued on next page.
1
10k
500
2k
20pF
100k
3k
2
1k
1k
3
2.2V
1k
500
100
5
6
100k
25k
20k


Numéro de pièce similaire - LA7161BV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7161BV SANYO-LA7161BV Datasheet
204Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
More results

Description similaire - LA7161BV

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA7161BV SANYO-LA7161BV Datasheet
204Kb / 8P
   VHF Band RF Modulator (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
LA79600GP SANYO-LA79600GP Datasheet
99Kb / 8P
   Monolithic Linear IC AV TRANSMITTER (US3, 4ch, JPN1, 2ch, TWN13ch compatible)
LA77000V SANYO-LA77000V Datasheet
209Kb / 8P
   Monolithic Linear IC VHF Band RF Modulator (US3, 4ch Compatible)
LA7161NV SANYO-LA7161NV_06 Datasheet
79Kb / 2P
   VHF Band RF Modulator (Supports US 3, 4ch, JPN 1, 2ch, TWN 13ch)
LA7160M SANYO-LA7160M Datasheet
39Kb / 3P
   VHF Band RF Modulator
LA7161V SANYO-LA7161V Datasheet
78Kb / 5P
   VHF Band RF Modulator
logo
New Japan Radio
NJM2519A NJRC-NJM2519A Datasheet
135Kb / 8P
   RF Modulator for VHF Band
NJM2536A NJRC-NJM2536A Datasheet
125Kb / 9P
   RF Modulator for VHF Band
logo
Sanyo Semicon Device
LA7172M SANYO-LA7172M Datasheet
68Kb / 3P
   UHF Band RF Modulator
LA7161NV SANYO-LA7161NV Datasheet
466Kb / 2P
   VHF Band RF Modulator(SUPPORTS US 3,4CH, JPN 1,2CH, TWN 13CH)
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com