Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYM11-50 Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce BYM11-50
Description  Surface Mount Glass Passivated Junction Fast Switching Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM11-50 Fiches technique(HTML) 2 Page - Vishay Siliconix

  BYM11-50_11 Datasheet HTML 1Page - Vishay Siliconix BYM11-50_11 Datasheet HTML 2Page - Vishay Siliconix BYM11-50_11 Datasheet HTML 3Page - Vishay Siliconix BYM11-50_11 Datasheet HTML 4Page - Vishay Siliconix BYM11-50_11 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 88547
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Mar-11
This datasheet is subject to change without notice.
THE PRODUCT DESCRIBED HEREIN AND THIS DATASHEET ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BYM11-50 thru BYM11-1000, RGL41A thru RGL41M
Vishay General Semiconductor
Notes
(1) Thermal resistance from junction to ambient, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
(2) Thermal resistance from junction to terminal, 0.24" x 0.24" (6.0 mm x 6.0 mm) copper pads to each terminal
Note
(1) AEC-Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
BYM
11-50
BYM
11-100
BYM
11-200
BYM
11-400
BYM
11-600
BYM
11-800
BYM
11-1000
UNIT
Maximum
instantaneous
forward voltage
1.0 A
VF
1.3
V
Maximum DC reverse
current at rated DC
blocking voltage
TA = 25 °C
IR
5.0
μA
TA = 125 °C
50
Maximum reverse
recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
150
250
500
ns
Typical junction
capacitance
4.0 V, 1 MHz
CJ
15
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYM
11-50
BYM
11-100
BYM
11-200
BYM
11-400
BYM
11-600
BYM
11-800
BYM
11-1000
UNIT
Maximum thermal resistance
RJA (1)
75
°C/W
RJT (2)
30
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
RGL41J-E3/96
0.114
96
1500
7" diameter plastic tape and reel
RGL41J-E3/97
0.114
97
5000
13" diameter plastic tape and reel
BYM11-600-E3/96
0.114
96
1500
7" diameter plastic tape and reel
BYM11-600-E3/97
0.114
97
5000
13" diameter plastic tape and reel
RGL41JHE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
RGL41JHE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel
BYM11-600HE3/96 (1)
0.114
96
1500
7" diameter plastic tape and reel
BYM11-600HE3/97 (1)
0.114
97
5000
13" diameter plastic tape and reel


Numéro de pièce similaire - BYM11-50_11

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50_08 Datasheet
111Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Apr-08
More results

Description similaire - BYM11-50_11

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
RGF1D-E3 VISHAY-RGF1D-E3 Datasheet
77Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL41X VISHAY-RGL41X Datasheet
84Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
RGL34J-E3 VISHAY-RGL34J-E3 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
30-Jun-06
RGL34K-E3-98 VISHAY-RGL34K-E3-98 Datasheet
78Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Dec-13
logo
GOOD-ARK Electronics
GRN3 GOOD-ARK-GRN3 Datasheet
170Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
logo
Vishay Siliconix
BYM11-50 VISHAY-BYM11-50 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
26-Jun-06
RGF1A VISHAY-RGF1A_11 Datasheet
82Kb / 4P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 15-Mar-11
RGF1 VISHAY-RGF1 Datasheet
35Kb / 2P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
08-Feb-02
RGF1A VISHAY-RGF1A_V01 Datasheet
89Kb / 4P
   Surface-Mount Glass Passivated Junction Fast Switching Rectifier
01-Jan-2022
BYM11-50 VISHAY-BYM11-50_08 Datasheet
111Kb / 5P
   Surface Mount Glass Passivated Junction Fast Switching Rectifier
Revision: 11-Apr-08
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com