Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BYG10G Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce BYG10G
Description  Standard Avalanche SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG10G Fiches technique(HTML) 1 Page - Vishay Siliconix

  BYG10G Datasheet HTML 1Page - Vishay Siliconix BYG10G Datasheet HTML 2Page - Vishay Siliconix BYG10G Datasheet HTML 3Page - Vishay Siliconix BYG10G Datasheet HTML 4Page - Vishay Siliconix BYG10G Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BYG10D thru BYG10Y
Vishay General Semiconductor
Document Number: 88957
Revision: 03-Jun-09
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
1
Standard Avalanche SMD Rectifier
FEATURES
• Low profile package
• Ideal for automated placement
• Controlled avalanche characteristics
• Glass passivated junction
• Low reverse current
• High surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Solder dip 260 °C, 40 s
• Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in generell purpose rectification of power
supplies, inverters, converters and freewheeling diodes
for consumer, automotive and telecommunication.
MECHANICAL DATA
Case: DO-214AC (SMA)
Epoxy meets UL 94 V-0 flammability rating
Terminals: Matte tin plated leads, solderable per
J-STD-002 and JESD 22-B102
E3 suffix for consumer grade, meets JESD 201 class
1A whisker test, HE3 suffix for high reliability grade
(AEC-Q101 qualified), meets JESD 201 class 2
whisker test
Note:
• BYG10Y for commercial grade only
Polarity: Color band denotes the cathode end
PRIMARY CHARACTERISTICS
IF(AV)
1.5 A
VRRM
200 V to 1600 V
IFSM
30 A
IR
1.0 µA
VF
1.15 V
ER
20 mJ
TJ max.
150 °C
DO-214AC (SMA)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
BYG10D
BYG10G
BYG10J
BYG10K
BYG10M
BYG10Y
UNIT
Device marking code
BYG10D
BYG10G
BYG10J
BYG10K
BYG10M
BYG10Y
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
1000
1600
V
Average forward current
IF(AV)
1.5
A
Peak forward surge current 10 ms single half
sine-wave superimposed on rated load
IFSM
30
A
Pulse energy in avalanche mode,
non repetitive (inductive load switch off)
I(BR)R = 1 A, TJ = 25 °C (for BYG10D-BYG10M)
ER
20
mJ
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Numéro de pièce similaire - BYG10G

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYG10G VISHAY-BYG10G Datasheet
59Kb / 5P
   Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG10G TAYCHIPST-BYG10G Datasheet
3Mb / 2P
   Silicon Mesa SMD Rectifier
logo
Diotec Semiconductor
BYG10G DIOTEC-BYG10G Datasheet
159Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
BYG10G DIOTEC-BYG10G Datasheet
158Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
logo
Shenzhen Luguang Electr...
BYG10G LUGUANG-BYG10G Datasheet
1Mb / 4P
   Low profile package
More results

Description similaire - BYG10G

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BYG10D VISHAY-BYG10D_V02 Datasheet
106Kb / 5P
   Standard Avalanche SMD Rectifier
01-Jan-2022
BYG10M-E3 VISHAY-BYG10M-E3 Datasheet
91Kb / 5P
   Standard Avalanche SMD Rectifier
Revision: 20-May-14
BYG10D VISHAY-BYG10D_V01 Datasheet
91Kb / 5P
   Standard Avalanche SMD Rectifier
02-Oct-12
logo
Diotec Semiconductor
AL1A DIOTEC-AL1A_17 Datasheet
148Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000_18 Datasheet
167Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D Datasheet
159Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AM2000 DIOTEC-AM2000 Datasheet
167Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
BYG10D DIOTEC-BYG10D_18 Datasheet
158Kb / 2P
   Standard Avalanche SMD Rectifier Diodes
AL1A DIOTEC-AL1A_15 Datasheet
142Kb / 2P
   Controlled Avalanche Standard Recovery SMD Rectifier Diodes
AL1A DIOTEC-AL1A_16 Datasheet
142Kb / 2P
   Controlled Avalanche Standard Recovery SMD Rectifier Diodes
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com