Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6393AM Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce LA6393AM
Description  For Parallel Comparator Circuits High-Performance Dual Comparator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6393AM Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  LA6393AM Datasheet HTML 1Page - Sanyo Semicon Device LA6393AM Datasheet HTML 2Page - Sanyo Semicon Device LA6393AM Datasheet HTML 3Page - Sanyo Semicon Device LA6393AM Datasheet HTML 4Page - Sanyo Semicon Device LA6393AM Datasheet HTML 5Page - Sanyo Semicon Device LA6393AM Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA6393AM
Allowable Operating Ranges at Ta = -40
°C to +125°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Supply voltage
VCC
2
24
V
Electrical Characteristics at Ta
= 25°C, VCC = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input offset voltage
VIO
±1
±5
mV
Input offset current
IIO
±5
±50
nA
Input bias current
IB
25
250
nA
Common-mode input voltage range
VICM
0
VCC-1.8
V
Current drain
ICC
RL =
0.6
1
mA
Voltage gain
VG
RL = 15kΩ
200
V/mV
Response time
SR
VRL = 5 V, RL = 5.1kΩ
1.3
μs
Output sink current
ISINK
VIN– = 0.5V, VIN+ = 0V, VO ≤ 1.5V
6
16
mA
Output saturation voltage
VOL
VIN– = 0.5V, VIN+ = 0V, ISINK ≤ 3mA
0.2
0.4
V
Output leakage current
ILEAK
VIN– = 0V, VIN– = 0.5V, VO = 5V
0.1
nA
Package Dimensions
unit : mm (typ)
3032D
-40
0
50
100
150
200
250
300
350
100
120
140
160
-20
0
20
40
60
80
60
Pd max -- Ta
Ambient temperature, Ta -- °C
Independent IC
SANYO : MFP8(225mil)
14
85
5.0
0.15
0.35
1.27
(0.65)
Pin Assignment
1
VOUT1
2
VIN−1
3
VIN+1
4
GND
8
7
6
5
VCC
VOUT2
VIN−2
VIN+2
+
+
Top view
No.7235-2/6


Numéro de pièce similaire - LA6393AM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
More results

Description similaire - LA6393AM

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6393AT SANYO-LA6393AT Datasheet
70Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
LA6393M SANYO-LA6393M_11 Datasheet
124Kb / 6P
   For Parallel Comparator Circuits High-Performance Dual Comparator
logo
Linear Technology
RH119 LINER-RH119 Datasheet
161Kb / 4P
   High Performance Dual Comparator
logo
Sanyo Semicon Device
LA6393D SANYO-LA6393D Datasheet
99Kb / 5P
   High-Performance Dual Comparator
LA6393T SANYO-LA6393T Datasheet
161Kb / 5P
   High-Performance Dual Comparator
LA6393M SANYO-LA6393M Datasheet
87Kb / 4P
   High-Performance Dual Comparator
LA6393D SANYO-LA6393D_06 Datasheet
163Kb / 5P
   High-Performance Dual Comparator
LA6393JM SANYO-LA6393JM Datasheet
194Kb / 5P
   High-Performance Dual Comparator
logo
Renesas Technology Corp
UPC271 RENESAS-UPC271 Datasheet
738Kb / 9P
   High Performance Comparator
Rev.1.00
logo
Sanyo Semicon Device
LA6339 SANYO-LA6339 Datasheet
88Kb / 4P
   High-Performance Quad Comparator
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com