Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA6324N Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce LA6324N
Description  High-Performance Quad Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6324N Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  LA6324N_06 Datasheet HTML 1Page - Sanyo Semicon Device LA6324N_06 Datasheet HTML 2Page - Sanyo Semicon Device LA6324N_06 Datasheet HTML 3Page - Sanyo Semicon Device LA6324N_06 Datasheet HTML 4Page - Sanyo Semicon Device LA6324N_06 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LA6324N,6324NM
No.2704-3/5
Test Circuit
1. Input offset voltage VIO
2. Input offset current IIO
3. Input bias current IB
4. Common-mode rejection ratio CMR
5. Voltage gain VG
Common-mode input voltage range VICM
6. Supply voltage rejection ratio SVR
7. Channel separation CS
-
+
VCC
NULL
+
-
VCC
VF4
R2
R
R1
R1
R2
+1.4V
VEE
C
-
+
VCC
NULL
+
-
VCC
VF2
R2
R
R
R1
R1
R2
+1.4V
VEE
C
-
+
VCC
NULL
+
-
VCC
VF3
R2
R
R1
R1
R2
+1.4V
VEE
C
-
+
VCC
NULL
+
-
VCC
VF7,VF8
R2
R1
R1
R2
RL
VEE
EK1,
EK2
VEE
C
-
+
VCC
VEE
NULL
+
-
VCC
VF5,VF6
R2
R1
R1
EC1,
EC2
R2
C
VEE
-
+
VCC1,
VCC2
VEE
NULL
+
-
VCC
VF9,VF10
R2
R1
R1
R2
CVEE
-
+
VCC
VEE1,
VEE2
NULL
+
-
VCC
VF11,VF12
R2
R1
R1
R2
C
A
A
B
-
+
VCC
VIN
VO
VCC/2
VCC/2
RL
R2
C
a
b
R1
B
-
+
VCC
VCC/2
VCC/2
RL
R2
b
a
R1
-
+
VCC
VIO =
VF1
1+R2/R1
NULL
+
-
VCC
VF1
R2
R1
R1
R2
+1.4V
VEE
C
CMR = 20 log
(EC1 - EC2) (1+R2/R1)
VF5 - VF6
SVR (+) = 20 log
(1+R2/R1) (VCC1 - VCC2)
VF9 - VF10
SVR (-) = 20 log
(1+R2/R1) (VEE1 - VEE2)
VF11 - VF12
SW: a
CS (A
B) = 20 log
R2 VOA
R1 VOB
SW: b
CS (B
A) = 20 log
These apply also to other channels.
R2 VOB
R1 VOA
VG =
(EK1 - EK2) (1+R2/R1)
VF8 - VF7
IIO =
VF2 - VF1
R(1+R2/R1)
IB =
VF4 - VF3
2R(1+R2/R1)


Numéro de pièce similaire - LA6324N_06

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324NM SANYO-LA6324NM Datasheet
113Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N_12 Datasheet
110Kb / 5P
   High-Performance Quad Operational Amplifier
More results

Description similaire - LA6324N_06

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
   Quad high-performance operational amplifier
August 31, 1994
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N_12 Datasheet
110Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
   High-Performance Quad Operational Amplifier
logo
STMicroelectronics
LS404CN STMICROELECTRONICS-LS404CN Datasheet
265Kb / 11P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LA6324N ONSEMI-LA6324N Datasheet
128Kb / 5P
   High-Performance Quad Operational Amplifier
August, 2013
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274_08 Datasheet
158Kb / 14P
   High performance CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com