Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LA4809M Fiches technique(PDF) 8 Page - Sanyo Semicon Device

No de pièce LA4809M
Description  Stereo Headphone Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4809M Fiches technique(HTML) 8 Page - Sanyo Semicon Device

Back Button LA4809M Datasheet HTML 4Page - Sanyo Semicon Device LA4809M Datasheet HTML 5Page - Sanyo Semicon Device LA4809M Datasheet HTML 6Page - Sanyo Semicon Device LA4809M Datasheet HTML 7Page - Sanyo Semicon Device LA4809M Datasheet HTML 8Page - Sanyo Semicon Device LA4809M Datasheet HTML 9Page - Sanyo Semicon Device LA4809M Datasheet HTML 10Page - Sanyo Semicon Device LA4809M Datasheet HTML 11Page - Sanyo Semicon Device LA4809M Datasheet HTML 12Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
LA4809M
Continued from preceding page.
When the standby function is not to be used, Pin 3 may be interlocked with power supply as shown in Fig.7. However,
due care must be taken in this case because such interlock makes the effectiveness of the pop noise reduction circuit
null, resulting in extremely large pop noise at a time of rising and falling. There are also methods to reduce the pop
noise by using two capacitors as shown in Fig.8. If pop noise is to be suppressed sufficiently, CPU control of the
standby pin is recommended.
Note that the approximate inrush current; I3 into the standby pin is calculated as follows :
Pin 3 inrush current (unit : A) : I3 = (5
× VCC - 4) × 10-5 /Rst
No.A1569-8/15
VCC
Rst
Fig.7
Fig.8
10. Operating power supply voltage range
The applicable power supply voltage range varies depending on the setting conditions of the maximum output power
value. Use this range while taking into account the Pin 2 voltage. As a guideline, the supply voltage at the lowest point
to be used must be two times the Pin 2 voltage.
Note that the minimum operating supply voltage must be 3.6V.
mode-B
⇒ VCC op = 6.2V to 17V
mode-A
⇒ VCC op = 4.2V to 17V
At change of the output power value due to external resistance
⇒ VCC op = 2 × V2 to 17V (V2 ⇒ Pin 2
voltage)
11. Handling of NC pins (Pins 5, 8, and 11)
NC pins are not connected to anything internally and may be left in the OPEN state. To enhance the heat sink effect as
much as possible, connection of NC pins to the GND line is recommended.
In particular, Pin 5 should be connected to the GND line so as to protect Pin 4 (the first output).
If the pins 4 and 5 section and the pins 5 and 6 section are bridged with solder simultaneously, the output pin enters the
powering (short to power) state, allowing the large current to flow into the output pin, resulting in deterioration or
damage of internal elements. Risk of deterioration or damage may be reduced when Pin 5 is connected to GND. When
the output pin voltage is about 0.7V or less, drive and power stages of the power amplifier circuit used becomes
inoperable. In this context, the protection in case of ground fault is provided.
12. Heat protective circuit
The heat protective circuit is incorporated in IC and can reduce the risk of damage/deterioration in case of abnormal
heat generation due to certain reasons. This protective circuit is activated when the junction temperature : Ti of the chip
in IC increases to about 160
°C, shutting OFF current supply to the power amplifier. The signal is not output anymore.
When the chip temperature lowers (to about 130
°C), the circuit is automatically reset.
Note that this circuit is not always capable of preventing damage/deterioration and should be handled with utmost care.
In case of abnormal heating, turn OFF power supply immediately and identify the probable causes.
13. Short-circuit between pins
Power ON while leaving the pins in the short-circuit state may cause deterioration or damage. When installing IC to the
substrate, check if pins are short-circuited with solder before turning power supply ON.
14. Load short-circuit
Leaving the loads in the short-circuit state over a long period of time may cause deterioration or damage. Never
short-circuit loads.
15. Maximum rating
When the product is used near the maximum rating, even the smallest change in the conditions may cause exceeding of
the maximum rating, possibly leading to the fracture accident. Take the sufficient fluctuation margin for the supply
voltage and always use the product within a range never exceeding the maximum rating. The package used for this IC
has the low heat sink effect as a single unit. When the working supply voltage is high, solder the backside heat sink pad
to ensure sufficient heat sink performance with copper foil of printed circuit board.
VCC
VCC
Rst
6
STBY
3
VCC
6
STBY
+
Cst2
3
+
Cst1


Numéro de pièce similaire - LA4809M

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
LA4800 SANYO-LA4800 Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4800V SANYO-LA4800V Datasheet
192Kb / 11P
   3 V Stereo Headphone Power Amplifier
LA4801 SANYO-LA4801 Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
LA4802 SANYO-LA4802 Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
More results

Description similaire - LA4809M

FabricantNo de pièceFiches techniqueDescription
logo
Ceramate Technical
CO8301 CERAMATE-CO8301 Datasheet
122Kb / 9P
   Stereo Headphone Amplifier
logo
Texas Instruments
TPA6130A2 TI1-TPA6130A2 Datasheet
1Mb / 39P
[Old version datasheet]   Stereo Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9729 MAXIM-MAX9729_V01 Datasheet
2Mb / 27P
   Stereo Headphone Amplifier with BassMax, Stereo Headphone Amplifier with BassMax,
19-0857; Rev 1; 5/14
logo
Eutech Microelectronics...
EUA6211 EUTECH-EUA6211 Datasheet
821Kb / 1P
   Advanced Stereo Headphone Amplifier
logo
Sanyo Semicon Device
LA4802T SANYO-LA4802T Datasheet
87Kb / 10P
   Headphone Stereo Power Amplifier
logo
Texas Instruments
TPA6135A2 TI-TPA6135A2 Datasheet
1,015Kb / 22P
[Old version datasheet]   DIRECTPATH??Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1402 GMT-G1402 Datasheet
259Kb / 8P
   Stereo Headphone Power Amplifier
logo
Toshiba Semiconductor
TA2123AF TOSHIBA-TA2123AF Datasheet
427Kb / 20P
   1.5V Stereo Headphone Amplifier
logo
Global Mixed-mode Techn...
G1401 GMT-G1401 Datasheet
211Kb / 6P
   Stereo Headphone Power Amplifier
logo
Sanyo Semicon Device
LA4801V SANYO-LA4801V Datasheet
102Kb / 10P
   Headphone Stereo Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com