Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC2929 Fiches technique(PDF) 2 Page - Inchange Semiconductor Company Limited

No de pièce 2SC2929
Description  isc Silicon NPN Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SC2929 Fiches technique(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SC2929 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SC2929 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistor
2SC2929
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 10mA ; IB= 0
400
V
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 0.5A; IB= 0
400
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 0.1mA; IE= 0
450
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 0.1mA; IC= 0
7
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.2A
B
0.3
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 1A; IB= 0.2A
B
0.9
V
ICBO
Collector Cutoff Current
VCB= 450V; IE=0
0.1
mA
IEBO
Emitter Cutoff Current
VEB= 7V; IC=0
0.1
mA
hFE
DC Current Gain
IC= 0.5A; VCE= 5V
20
50
Switching times
ton
Turn-on Time
1.5
μs
tstg
Storage Time
2.0
μs
tf
Fall Time
IC= 3A, IB1= -IB2= 0.6A
RL= 20Ω;PW=20μs
Duty Cycle≤2%
0.8
μs
isc Website:www.iscsemi.cn
2


Numéro de pièce similaire - 2SC2929

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
2SC2929 ETC-2SC2929 Datasheet
105Kb / 1P
   MOLD TYPE BIPOLAR TRANSISTORS
2SC2929 ETC1-2SC2929 Datasheet
81Kb / 2P
   High speed switching transistor
logo
New Jersey Semi-Conduct...
2SC2929 NJSEMI-2SC2929 Datasheet
250Kb / 2P
   TRIPLE DIFFUSED PLANER TYPE HIGH VOLTAGE, HIGH SPEED SWITCHING
2SC2929 NJSEMI-2SC2929 Datasheet
67Kb / 1P
   BIPOLAR TRANSISSTORS RATINGS AND SPECIFICATIONS
More results

Description similaire - 2SC2929

FabricantNo de pièceFiches techniqueDescription
logo
Inchange Semiconductor ...
BUV20 ISC-BUV20 Datasheet
194Kb / 2P
   isc Silicon NPN Power Transistor
BUV48I ISC-BUV48I Datasheet
209Kb / 2P
   isc Silicon NPN Power Transistor
BUV51 ISC-BUV51 Datasheet
192Kb / 2P
   isc Silicon NPN Power Transistor
BUV52A ISC-BUV52A Datasheet
191Kb / 2P
   isc Silicon NPN Power Transistor
2N6496 ISC-2N6496 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistor
2N6545 ISC-2N6545 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistor
MJD148 ISC-MJD148 Datasheet
244Kb / 2P
   isc Silicon NPN Power Transistor
TIP35CF ISC-TIP35CF Datasheet
156Kb / 2P
   isc Silicon NPN Power Transistor
2SB1412 ISC-2SB1412 Datasheet
265Kb / 3P
   isc Silicon NPN Power Transistor
MJ1800 ISC-MJ1800 Datasheet
140Kb / 2P
   isc Silicon NPN Power Transistor
KSH47 ISC-KSH47 Datasheet
348Kb / 3P
    isc Silicon NPN Power Transistor
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com