Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L78M00T Fiches technique(PDF) 3 Page - Sanyo Semicon Device

No de pièce L78M00T
Description  5 to 24V 0.5A 3-Pin Voltage Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

L78M00T Fiches technique(HTML) 3 Page - Sanyo Semicon Device

  L78M00T_10 Datasheet HTML 1Page - Sanyo Semicon Device L78M00T_10 Datasheet HTML 2Page - Sanyo Semicon Device L78M00T_10 Datasheet HTML 3Page - Sanyo Semicon Device L78M00T_10 Datasheet HTML 4Page - Sanyo Semicon Device L78M00T_10 Datasheet HTML 5Page - Sanyo Semicon Device L78M00T_10 Datasheet HTML 6Page - Sanyo Semicon Device L78M00T_10 Datasheet HTML 7Page - Sanyo Semicon Device L78M00T_10 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
L78M00T Series
No.2609-3/8
[L78M07T]
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
9.5 to 22
V
Output current
IOUT
5 to 500
mA
Operating Characteristics at Ta=25°C, VIN=12V, IOUT=350mA, See specified Test Circuit.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output voltage
VOUT
Tj=25°C
6.72
7.0
7.28
V
Line regulation
ΔVO Iine
Tj=25°C, 9V≤VIN≤25V, IOUT=200mA
6.0
60
mV
Tj=25°C, 10V≤VIN≤20V, IOUT=200mA
2.0
30
mV
Load regulation
ΔVO Ioad
Tj=25°C, 5mA≤IOUT≤500mA
140
mV
Tj=25°C, 5mA≤IOUT≤200mA
70
mV
Output voltage
VOUT
9V≤VIN≤22V, 5mA≤IOUT≤350mA
6.6
7.4
V
Current dissipation
ICC
Tj=25°C
4.6
6.0
mA
Current dissipation variation (Line)
ΔICC Iine
10V≤VIN≤25V, IOUT=200mA
0.8
mA
Current dissipation variation (Load)
ΔICC Ioad
5mA≤IOUT≤350mA
0.5
mA
Output noise voltage
VNO
10Hz≤f≤100kHz
48
μV
Ripple rejection
Rrej
f=120Hz, 10V≤VIN≤21V, Tj=25°C, IOUT=100mA
58
dB
f=120Hz, 10V≤VIN≤21V, Tj=25°C, IOUT=300mA
58
80
dB
Minimum input-output voltage dropout
Vdrop
IOUT=350mA
2.0
V
Short current
IOS
Tj=25°C, VIN=35V, to GND
300
mA
Peak output current
IOP
Tj=25°C
0.7
A
[L78M08T]
Recommended Operating Conditions at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Input voltage
VIN
10.5 to 23
V
Output current
IOUT
5 to 500
mA
Operating Characteristics at Ta=25°C, VIN=15V, IOUT=350mA, See specified Test Circuit.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output voltage
VOUT
Tj=25°C
7.7
8.0
8.3
V
Line regulation
ΔVO Iine
Tj=25°C, 10.5V≤VIN≤25V, IOUT=200mA
6.0
60
mV
Tj=25°C, 11V≤VIN≤20V, IOUT=200mA
2.0
30
mV
Load regulation
ΔVO Ioad
Tj=25°C, 5mA≤IOUT≤500mA
160
mV
Tj=25°C, 5mA≤IOUT≤200mA
80
mV
Output voltage
VOUT
10.5V≤VIN≤23V, 5mA≤IOUT≤350mA
7.6
8.4
V
Current dissipation
ICC
Tj=25°C
4.6
6.0
mA
Current dissipation variation (Line)
ΔICC Iine
11V≤VIN≤25V, IOUT=200mA
0.8
mA
Current dissipation variation (Load)
ΔICC Ioad
5mA≤IOUT≤350mA
0.5
mA
Output noise voltage
VNO
10Hz≤f≤100kHz
50
μV
Ripple rejection
Rrej
f=120Hz, 11.5V≤VIN≤22V, Tj=25°C, IOUT=100mA
56
dB
f=120Hz, 11.5V≤VIN≤22V, Tj=25°C, IOUT=300mA
56
80
dB
Minimum input-output voltage dropout
Vdrop
IOUT=350mA
2.0
V
Short current
IOS
Tj=25°C, VIN=35V, to GND
300
mA
Peak output current
IOP
Tj=25°C
0.7
A


Numéro de pièce similaire - L78M00T_10

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
More results

Description similaire - L78M00T_10

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
L78M00T SANYO-L78M00T Datasheet
230Kb / 8P
   5 to 24V 0.5A 3-Pin Voltage Regulators
L79M00T SANYO-L79M00T Datasheet
140Kb / 5P
   -5 to -12V 0.5A 3-Pin Voltage Regulators
L79M00T SANYO-L79M00T_09 Datasheet
105Kb / 5P
   ?? to ??2V 0.5A 3-Pin Voltage Regulators
L780S00 SANYO-L780S00 Datasheet
261Kb / 9P
   5 to 24V 1A 5-Pin Voltage Regulators with Strobe Pin
L78MR00 SANYO-L78MR00 Datasheet
295Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function?
L78MR00 SANYO-L78MR00_10 Datasheet
304Kb / 10P
   5 to 12V 0.5A 5-Pin Voltage Regulators with Reset Function
logo
Toshiba Semiconductor
TA78M05S TOSHIBA-TA78M05S Datasheet
679Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
TA78M05SB TOSHIBA-TA78M05SB Datasheet
631Kb / 19P
   0.5A THREE TERMINAL PLSITIVE VOLTAGE REGULATORS
TA78M05F TOSHIBA-TA78M05F Datasheet
669Kb / 20P
   0.5A THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
LM323 ONSEMI-LM323 Datasheet
126Kb / 8P
   3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com