Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS386 Fiches technique(PDF) 3 Page - Vishay Siliconix

No de pièce BAS386
Description  Small Signal Schottky Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BAS386 Fiches technique(HTML) 3 Page - Vishay Siliconix

  BAS386 Datasheet HTML 1Page - Vishay Siliconix BAS386 Datasheet HTML 2Page - Vishay Siliconix BAS386 Datasheet HTML 3Page - Vishay Siliconix BAS386 Datasheet HTML 4Page - Vishay Siliconix BAS386 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAS386
Document Number 85505
Rev. 2.0, 23-Jul-10
Vishay Semiconductors
www.vishay.com
3
For technical questions within your region, please contact one of the following:
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Package Dimensions in millimeters (inches): MicroMELF
Figure 5. Board for RthJA definition (in mm)
2.5
0.71
1.3
1.27
24
0.152
0.355
95 10329
Cathode indification
surface plan
1 (0.039)
glass
2 (0.079)
1.8 (0.071)
0.25 (0.010)
0.15 (0.006)
> R2.5 (0.098)
Foot print recommendation:
Reflow soldering
Wave soldering
2.4 (0.094)
2.8 (0.110)
0.8 (0.031)
0.8 (0.031)
0.9 (0.035)
0.9 (0.035)
0.8 (0.031)
1 (0.039)
Document no.:6.560-5007.01-4
Rev. 13 - Date: 07.June.2006
96 12072
Created - Date: 26.July.1996
*
* The gap between plug and glass can
be either on cathode or anode side


Numéro de pièce similaire - BAS386

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BAS386 VISHAY-BAS386 Datasheet
365Kb / 5P
   Small Signal Schottky Diode
Rev. 1.9, 07-Mar-06
BAS386 VISHAY-BAS386 Datasheet
131Kb / 5P
   Small Signal Schottky Diode
Rev. 1.9, 07-Mar-06
BAS386 VISHAY-BAS386 Datasheet
150Kb / 4P
   Small Signal Schottky Diode
Rev. 2.0, 23-Jul-10
BAS386 VISHAY-BAS386 Datasheet
91Kb / 4P
   Small Signal Schottky Diode
01-Jan-2022
BAS386-TR VISHAY-BAS386-TR Datasheet
365Kb / 5P
   Small Signal Schottky Diode
Rev. 1.9, 07-Mar-06
More results

Description similaire - BAS386

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BAT46 STMICROELECTRONICS-BAT46 Datasheet
35Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
TMBYV10-60 STMICROELECTRONICS-TMBYV10-60 Datasheet
76Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
BYV10-60 STMICROELECTRONICS-BYV10-60 Datasheet
82Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
BAT54J STMICROELECTRONICS-BAT54J Datasheet
52Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODE
1N5711 STMICROELECTRONICS-1N5711 Datasheet
52Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODE
August 1999 Ed: 1A
TMMBAT46 STMICROELECTRONICS-TMMBAT46 Datasheet
56Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
LL46 LUGUANG-LL46 Datasheet
183Kb / 3P
   Small Signal Schottky Diode
logo
STMicroelectronics
TMBAT49FILM STMICROELECTRONICS-TMBAT49FILM Datasheet
76Kb / 6P
   Small signal Schottky diode
logo
Vishay Siliconix
BAS385 VISHAY-BAS385_15 Datasheet
82Kb / 5P
   Small Signal Schottky Diode
Rev. 2.1, 09-May-12
BAT85S VISHAY-BAT85S_15 Datasheet
72Kb / 4P
   Small Signal Schottky Diode
Rev. 1.8, 06-May-13
BAS581-02V-V-G VISHAY-BAS581-02V-V-G_15 Datasheet
69Kb / 4P
   Small Signal Schottky Diode
Rev. 1.1, 24-Apr-12
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com