Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM33256 Fiches technique(PDF) 9 Page - Ramtron International Corporation

No de pièce FM33256
Description  3V Integrated Processor Companion with Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM33256 Fiches technique(HTML) 9 Page - Ramtron International Corporation

Back Button FM33256 Datasheet HTML 5Page - Ramtron International Corporation FM33256 Datasheet HTML 6Page - Ramtron International Corporation FM33256 Datasheet HTML 7Page - Ramtron International Corporation FM33256 Datasheet HTML 8Page - Ramtron International Corporation FM33256 Datasheet HTML 9Page - Ramtron International Corporation FM33256 Datasheet HTML 10Page - Ramtron International Corporation FM33256 Datasheet HTML 11Page - Ramtron International Corporation FM33256 Datasheet HTML 12Page - Ramtron International Corporation FM33256 Datasheet HTML 13Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
FM33256/FM3316 SPI Companion w/ FRAM
Rev. 2.0
Feb. 2009
Page 9 of 28
Backup Power
The real-time clock and alarm are intended to be
permanently powered. When the primary system
power fails, the voltage on the VDD pin will drop.
When the VDD voltage is less than VSW, the RTC
(and event counter) will switch to the backup power
supply on VBAK. The clock operates at extremely
low current in order to maximize battery or capacitor
life. However, an advantage of combining a clock
function with F-RAM memory is that data is not lost
regardless of the backup power source.
Trickle Charger
To facilitate capacitor backup, the VBAK pin can
optionally provide a trickle charge current. When the
VBC bit (register 18h bit 3) is set to a ‘1’, the VBAK
pin will source approximately 80 µA until VBAK
reaches VDD. This charges the capacitor to VDD
without an external diode and resistor charger.
There is a Fast Charge mode which is enabled by the
FC bit (register 18h, bit 2). In this mode the trickle
charger current is set to approximately 1 mA,
allowing a large backup capacitor to charge more
quickly.
• In the case where no battery is used, the V
BAK
pin should be tied to VSS and VBC bit cleared.
!
!
!
! Note: systems using lithium batteries should clear
the VBC bit to 0 to prevent battery charging. The
VBAK circuitry includes an internal 1 K
series
resistor as a safety element. The trickle charger is UL
Recognized.
Calibration
When the CAL bit in register 00h is set to a ‘1’, the
clock enters calibration mode. The FM33xx devices
employ a digital method for calibrating the crystal
oscillator frequency. The digital calibration scheme
applies a digital correction to the RTC counters based
on the calibration settings, CALS and CAL.4-0. In
calibration mode (CAL=1), the ACS pin is driven
with a 512 Hz (nominal) square wave and the alarm
is temporarily unavailable. Any measured deviation
from 512 Hz translates into a timekeeping error. The
user
measures
the
frequency
and
writes
the
appropriate
correction
value
to
the
calibration
register. The correction codes are listed in the table
below. For convenience, the table also shows the
frequency error in ppm. Positive ppm errors require a
negative adjustment that removes pulses. Negative
ppm errors require a positive correction that adds
pulses. Positive ppm adjustments have the CALS
(sign) bit set to 1, where as negative ppm adjustments
have CALS = 0. After calibration, the clock will have
a maximum error of
± 2.17 ppm or ± 0.09 minutes
per month at the calibrated temperature.
The user will not be able to see the effect of the
calibration setting on the 512 Hz output.
The
addition or subtraction of digital pulses occurs after
the 512 Hz output.
The calibration setting is stored in F-RAM so it is not
lost should the backup source fail. It is accessed with
bits CAL.4-0 in register 01h. This value only can be
written when the CAL bit is set to a 1. To exit the
calibration mode, the user must clear the CAL bit to a
logic 0. When the CAL bit is 0, the ACS pin will
revert to the function according to Table 2.
Crystal Type
The crystal oscillator is designed to use a 12.5pF
crystal without the need for external components,
such as loading capacitors. The FM33xx device has
built-in loading capacitors that match the crystal.
If a 32.768kHz crystal is not used, an external
oscillator may be connected to the FM33xx. Apply
the oscillator to the X1 pin. Its high and low voltage
levels can be driven rail-to-rail or amplitudes as low
as approximately 500mV p-p.
To ensure proper
operation, a DC bias must be applied to the X2 pin.
It should be centered between the high and low levels
on the X1 pin.
This can be accomplished with a
voltage divider.
Figure 10. External Oscillator
In the example, R1 and R2 are chosen such that the
X2 voltage is centered around the oscillator drive
levels. If you wish to avoid the DC current, you may
choose to drive X1 with an external clock and X2
with an inverted clock using a CMOS inverter.
Layout Recommendations
The X1 and X2 crystal pins employ very high
impedance circuits and the oscillator connected to
these pins can be upset by noise or extra loading. To
reduce RTC clock errors from signal switching noise,
a guard ring should be placed around these pads and
the guard ring grounded. High speed SPI traces
X1
Vdd
FM33xx
R1
R2
X2


Numéro de pièce similaire - FM33256

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256-G RAMTRON-FM33256-G Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
FM33256B RAMTRON-FM33256B Datasheet
1Mb / 8P
   Nonvolatile F-RAM Memory Module (TWR-FRAM)
logo
Cypress Semiconductor
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
More results

Description similaire - FM33256

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com