Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM31278 Fiches technique(PDF) 11 Page - Ramtron International Corporation

No de pièce FM31278
Description  5V Integrated Processor Companion with Memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM31278 Fiches technique(HTML) 11 Page - Ramtron International Corporation

Back Button FM31278_11 Datasheet HTML 7Page - Ramtron International Corporation FM31278_11 Datasheet HTML 8Page - Ramtron International Corporation FM31278_11 Datasheet HTML 9Page - Ramtron International Corporation FM31278_11 Datasheet HTML 10Page - Ramtron International Corporation FM31278_11 Datasheet HTML 11Page - Ramtron International Corporation FM31278_11 Datasheet HTML 12Page - Ramtron International Corporation FM31278_11 Datasheet HTML 13Page - Ramtron International Corporation FM31278_11 Datasheet HTML 14Page - Ramtron International Corporation FM31278_11 Datasheet HTML 15Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
FM31278/276/274/272 - 5V I2C Companion
Rev. 2.1
Sept. 2011
Page 11 of 26
Register Map
The RTC and processor companion functions are accessed via 25 special function registers mapped to a separate 2-
wire device ID. The interface protocol is described below. The registers contain timekeeping data, control bits, or
information flags. A description of each register follows the summary table below.
Register Map Summary Table
Nonvolatile =
Battery-backed =
Address
D7
D6
D5
D4
D3
D2
D1
D0
Function
Range
Serial Number Byte 7
Serial Number 7
FFh
Serial Number Byte 6
Serial Number 6
FFh
Serial Number Byte 5
Serial Number 5
FFh
Serial Number Byte 4
Serial Number 4
FFh
Serial Number Byte 3
Serial Number 3
FFh
Serial Number Byte 2
Serial Number 2
FFh
Serial Number Byte 1
Serial Number 1
FFh
Serial Number Byte 0
Serial Number 0
FFh
10h
Counter 2 MSB
Event Counter 2 MSB
FFh
0Fh
Counter 2 LSB
Event Counter 2 LSB
FFh
0Eh
Counter 1 MSB
Event Counter 1 MSB
FFh
0Dh
Counter 1 LSB
Event Counter 1 LSB
FFh
0Ch
RC
CC
C2P
C1P
Event Count Control
0Bh
SNL
-
FC
WP1
WP0
VBC
-
VTP
Companion Control
0Ah
WDE
-
-
WDT4
WDT3
WDT2
WDT1
WDT0
Watchdog Control
09h
WTR
POR
LB
-
WR3
WR2
WR1
WR0
Watchdog Restart/Flags
08h
10 years
years
Years
00-99
07h
0
0
0
10 mo
months
Month
1-12
06h
0
0
10 date
date
Date
1-31
05h
0
0
0
0
0
day
Day
1-7
04h
0
0
10 hours
hours
Hours
0-23
03h
0
10 minutes
minutes
Minutes
0-59
02h
0
10 seconds
seconds
Seconds
0-59
01h
/OSCEN
reserved
CALS
CAL4
CAL3
CAL2
CAL1
CAL0
CAL/Control
00h
reserved
CF
reserved
reserved
reserved
CAL
W
R
RTC Control
18h
17h
11h
16h
15h
14h
13h
12h
Note: When the device is first powered up and programmed, all registers must be written because the battery-
backed register values cannot be guaranteed.
The table below shows the default values of the non-volatile
registers. All other register values should be treated as unknown.
Default Register Values
Address
Hex Value
18h
0x00
17h
0x00
16h
0x00
15h
0x00
14h
0x00
13h
0x00
12h
0x00
11h
0x00
0Bh
0x00
0Ah
0x1F
01h
0x80


Numéro de pièce similaire - FM31278_11

FabricantNo de pièceFiches techniqueDescription
logo
Ramtron International C...
FM31278-G RAMTRON-FM31278-G Datasheet
330Kb / 25P
   5V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31278-G CYPRESS-FM31278-G Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
FM31278-GTR CYPRESS-FM31278-GTR Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
More results

Description similaire - FM31278_11

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM31278 CYPRESS-FM31278 Datasheet
862Kb / 26P
   5V Integrated Processor Companion with Memory
logo
Ramtron International C...
FM32278 RAMTRON-FM32278 Datasheet
274Kb / 21P
   5V Integrated Processor Companion with Memory
FM31278 RAMTRON-FM31278 Datasheet
330Kb / 25P
   5V Integrated Processor Companion with Memory
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
FM3204 ETC1-FM3204 Datasheet
273Kb / 20P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31256 RAMTRON-FM31256_11 Datasheet
455Kb / 26P
   Integrated Processor Companion with Memory
FM3104 RAMTRON-FM3104 Datasheet
546Kb / 25P
   Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31256-GTR CYPRESS-FM31256-GTR Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
FM31256-G CYPRESS-FM31256-G Datasheet
773Kb / 27P
   Integrated Processor Companion with Memory
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com