Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25640B-G Fiches technique(PDF) 4 Page - Ramtron International Corporation

No de pièce FM25640B-G
Description  64Kb Serial 5V F-RAM Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25640B-G Fiches technique(HTML) 4 Page - Ramtron International Corporation

  FM25640B-G Datasheet HTML 1Page - Ramtron International Corporation FM25640B-G Datasheet HTML 2Page - Ramtron International Corporation FM25640B-G Datasheet HTML 3Page - Ramtron International Corporation FM25640B-G Datasheet HTML 4Page - Ramtron International Corporation FM25640B-G Datasheet HTML 5Page - Ramtron International Corporation FM25640B-G Datasheet HTML 6Page - Ramtron International Corporation FM25640B-G Datasheet HTML 7Page - Ramtron International Corporation FM25640B-G Datasheet HTML 8Page - Ramtron International Corporation FM25640B-G Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FM25640B - 64Kb 5V SPI F-RAM
Rev. 1.2
Mar. 2011
4 of 13
Figure 2. System Configuration with SPI port
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3


Numéro de pièce similaire - FM25640B-G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
400Kb / 14P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B-GTR CYPRESS-FM25640B-GTR Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B-GTR CYPRESS-FM25640B-GTR Datasheet
400Kb / 14P
   64Kb Serial 5V F-RAM Memory
More results

Description similaire - FM25640B-G

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B CYPRESS-FM25640B Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B CYPRESS-FM25640B_13 Datasheet
400Kb / 14P
   64Kb Serial 5V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com