Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25L16B-DGTR Fiches technique(PDF) 4 Page - Ramtron International Corporation

No de pièce FM25L16B-DGTR
Description  16Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16B-DGTR Fiches technique(HTML) 4 Page - Ramtron International Corporation

  FM25L16B-DGTR Datasheet HTML 1Page - Ramtron International Corporation FM25L16B-DGTR Datasheet HTML 2Page - Ramtron International Corporation FM25L16B-DGTR Datasheet HTML 3Page - Ramtron International Corporation FM25L16B-DGTR Datasheet HTML 4Page - Ramtron International Corporation FM25L16B-DGTR Datasheet HTML 5Page - Ramtron International Corporation FM25L16B-DGTR Datasheet HTML 6Page - Ramtron International Corporation FM25L16B-DGTR Datasheet HTML 7Page - Ramtron International Corporation FM25L16B-DGTR Datasheet HTML 8Page - Ramtron International Corporation FM25L16B-DGTR Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
FM25L16B - 16Kb 3V SPI F-RAM
Rev. 1.3
Mar. 2011
Page 4 of 14
SPI
Microcontroller
FM25L16B
SO
SI
SCK
CS
HOLD
FM25L16B
SO
SI SCK
CS
HOLD
SCK
MOSI
MISO
SS1
SS2
HOLD1
HOLD2
MOSI : Master Out Slave In
MISO : Master In Slave Out
SS : Slave Select
Figure 2. System Configuration with SPI port
Microcontroller
FM25L16B
SO SI
SCK
CS
HOLD
P1.0
P1.1
P1.2
Figure 3. System Configuration without SPI port
SPI Mode 0: CPOL=0, CPHA=0
0
1
2
3
4
5
6
7
SPI Mode 3: CPOL=1, CPHA=1
0
1
2
3
4
5
6
7
Figure 4. SPI Modes 0 & 3


Numéro de pièce similaire - FM25L16B-DGTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25L16B-DGTR CYPRESS-FM25L16B-DGTR Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM25L16B-DGTR CYPRESS-FM25L16B-DGTR Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
More results

Description similaire - FM25L16B-DGTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com