Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25L16B-DG Fiches technique(PDF) 5 Page - Ramtron International Corporation

No de pièce FM25L16B-DG
Description  16Kb Serial 3V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25L16B-DG Fiches technique(HTML) 5 Page - Ramtron International Corporation

  FM25L16B-DG Datasheet HTML 1Page - Ramtron International Corporation FM25L16B-DG Datasheet HTML 2Page - Ramtron International Corporation FM25L16B-DG Datasheet HTML 3Page - Ramtron International Corporation FM25L16B-DG Datasheet HTML 4Page - Ramtron International Corporation FM25L16B-DG Datasheet HTML 5Page - Ramtron International Corporation FM25L16B-DG Datasheet HTML 6Page - Ramtron International Corporation FM25L16B-DG Datasheet HTML 7Page - Ramtron International Corporation FM25L16B-DG Datasheet HTML 8Page - Ramtron International Corporation FM25L16B-DG Datasheet HTML 9Page - Ramtron International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FM25L16B - 16Kb 3V SPI F-RAM
Rev. 1.3
Mar. 2011
Page 5 of 14
Data Transfer
All data transfers to and from the FM25L16B occur
in 8-bit groups. They are synchronized to the clock
signal (SCK), and they transfer most significant bit
(MSB) first. Serial inputs are registered on the rising
edge of SCK. Outputs are driven from the falling
edge of SCK.
Command Structure
There are six commands called op-codes that can be
issued by the bus master to the FM25L16B. They are
listed in the table below. These op-codes control the
functions performed by the memory. They can be
divided
into
three
categories.
First,
there
are
commands that have no subsequent operations. They
perform a single function such as to enable a write
operation. Second are commands followed by one
byte, either in or out. They operate on the status
register. The third group includes commands for
memory transactions followed by an address and one
or more bytes of data.
Table 1. Op-code Commands
Name
Description
Op-code
WREN
Set Write Enable Latch
0000 0110b
WRDI
Write Disable
0000 0100b
RDSR
Read Status Register
0000 0101b
WRSR
Write Status Register
0000 0001b
READ
Read Memory Data
0000 0011b
WRITE
Write Memory Data
0000 0010b
WREN - Set Write Enable Latch
The FM25L16B will power up with writes disabled.
The WREN command must be issued prior to any
write operation. Sending the WREN op-code will
allow the user to issue subsequent op-codes for
write operations. These include writing the status
register and writing the memory.
Sending the WREN op-code causes the internal
Write Enable Latch to be set. A flag bit in the status
register, called WEL, indicates the state of the latch.
WEL=1
indicates
that
writes
are
permitted.
Attempting to write the WEL bit in the status
register has no effect. Completing any write
operation will automatically clear the write-enable
latch and prevent further writes without another
WREN command. Figure 5 below illustrates the
WREN command bus configuration.
WRDI - Write Disable
The WRDI command disables all write activity by
clearing the Write Enable Latch. The user can verify
that writes are disabled by reading the WEL bit in
the status register and verifying that WEL=0. Figure
6 illustrates the WRDI command bus configuration.
Figure 5. WREN Bus Configuration
Figure 6. WRDI Bus Configuration


Numéro de pièce similaire - FM25L16B-DG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25L16B-DG CYPRESS-FM25L16B-DG Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM25L16B-DG CYPRESS-FM25L16B-DG Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM25L16B-DGTR CYPRESS-FM25L16B-DGTR Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM25L16B-DGTR CYPRESS-FM25L16B-DGTR Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
More results

Description similaire - FM25L16B-DG

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B_13 Datasheet
432Kb / 15P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B Datasheet
363Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24CL16B RAMTRON-FM24CL16B Datasheet
287Kb / 13P
   16Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24C16B CYPRESS-FM24C16B Datasheet
376Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM24C16C RAMTRON-FM24C16C Datasheet
274Kb / 12P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160C RAMTRON-FM25C160C Datasheet
281Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B_13 Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com