Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM25H20-GTR Fiches technique(PDF) 11 Page - Ramtron International Corporation

No de pièce FM25H20-GTR
Description  2Mb Serial 3V F-RAM Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM25H20-GTR Fiches technique(HTML) 11 Page - Ramtron International Corporation

Back Button FM25H20-GTR Datasheet HTML 7Page - Ramtron International Corporation FM25H20-GTR Datasheet HTML 8Page - Ramtron International Corporation FM25H20-GTR Datasheet HTML 9Page - Ramtron International Corporation FM25H20-GTR Datasheet HTML 10Page - Ramtron International Corporation FM25H20-GTR Datasheet HTML 11Page - Ramtron International Corporation FM25H20-GTR Datasheet HTML 12Page - Ramtron International Corporation FM25H20-GTR Datasheet HTML 13Page - Ramtron International Corporation FM25H20-GTR Datasheet HTML 14Page - Ramtron International Corporation FM25H20-GTR Datasheet HTML 15Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
FM25H20 - 2Mb SPI FRAM
Rev. 2.2
Sept. 2010
Page 11 of 15
AC Parameters (TA = -40
°C to + 85°C, VDD = 2.7V to 3.6V, CL = 30pF)
Symbol
Parameter
Min
Max
Units
Notes
fCK
C Clock Frequency
0
40
MHz
tCH
Clock High Time
11
ns
1
tCL
Clock Low Time
11
ns
1
tSU
Chip Select Setup
10
ns
tSH
Chip Select Hold
10
ns
tOD
Output Disable Time
12
ns
2
tODV
Output Data Valid Time
9
tOH
Output Hold Time
0
ns
tD
Deselect Time
40
ns
tR
Data In Rise Time
50
ns
2,3
tF
Data In Fall Time
50
ns
2,3
tSU
Data Setup Time
5
ns
tH
Data Hold Time
5
ns
tHS
/HOLD Setup Time
10
ns
tHH
/HOLD Hold Time
10
ns
tHZ
/HOLD Low to Hi-Z
20
ns
2
tLZ
/HOLD High to Data Active
20
ns
2
Notes
1.
tCH + tCL = 1/fCK.
2. This parameter is characterized but not 100% tested.
3.
Rise and fall times measured between 10% and 90% of waveform.
AC Test Conditions
Input Pulse Levels
10% and 90% of VDD
Input rise and fall times
3 ns
Input and output timing levels
0.5 VDD
Output Load Capacitance
30 pF
Capacitance (TA = 25
° C, f=1.0 MHz, VDD = 3.3V)
Symbol
Parameter
Min
Max
Units
Notes
CO
Output Capacitance (Q)
-
8
pF
1
CI
Input Capacitance
-
6
pF
1
Notes
1. This parameter is characterized and not 100% tested.
Data Retention (TA = -40
°C to +85°C)
Symbol
Parameter
Min
Units
Notes
TDR
Data Retention
10
Years


Numéro de pièce similaire - FM25H20-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25H20-GTR CYPRESS-FM25H20-GTR Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
More results

Description similaire - FM25H20-GTR

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM25H20 CYPRESS-FM25H20 Datasheet
438Kb / 16P
   2Mb Serial 3V F-RAM Memory
FM25V20 CYPRESS-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V20 RAMTRON-FM25V20 Datasheet
531Kb / 17P
   2Mb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
FM25L16B CYPRESS-FM25L16B Datasheet
473Kb / 14P
   16Kb Serial 3V F-RAM Memory
FM24CL16B CYPRESS-FM24CL16B_13 Datasheet
364Kb / 14P
   16Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com