Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FM16W08 Fiches technique(PDF) 9 Page - Ramtron International Corporation

No de pièce FM16W08
Description  64Kb Wide Voltage Bytewide F-RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RAMTRON [Ramtron International Corporation]
Site Internet  http://www.ramtron.com
Logo RAMTRON - Ramtron International Corporation

FM16W08 Fiches technique(HTML) 9 Page - Ramtron International Corporation

Back Button FM16W08 Datasheet HTML 3Page - Ramtron International Corporation FM16W08 Datasheet HTML 4Page - Ramtron International Corporation FM16W08 Datasheet HTML 5Page - Ramtron International Corporation FM16W08 Datasheet HTML 6Page - Ramtron International Corporation FM16W08 Datasheet HTML 7Page - Ramtron International Corporation FM16W08 Datasheet HTML 8Page - Ramtron International Corporation FM16W08 Datasheet HTML 9Page - Ramtron International Corporation FM16W08 Datasheet HTML 10Page - Ramtron International Corporation FM16W08 Datasheet HTML 11Page - Ramtron International Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FM16W08
Rev. 1.2
Mar. 2011
Page 9 of 11
Write Cycle Timing - /WE Controlled Timing
CE
A0-14
WE
DQ0-7
out
t
AS
t
AH
t
CA
t
WC
t
PC
OE
t
WS
t
WH
DQ0-7
in
t
DS
t
WP
t
WZ
t
WX
t
DH
t
C W
Power Cycle Timing
Power Cycle Timing (TA = -40° C to + 85° C, VDD = 2.7V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
VDD(min) to First Access Start
10
-
ms
tPD
Last Access Complete to VDD(min)
0
-
µs
tVR
VDD Rise Time
30
-
µs/V
1
tVF
VDD Fall Time
100
-
µs/V
1
Notes
1.
Slope measured at any point on VDD waveform.
V
IH (min)
t
PD
t
PU
V
DD
CE
V
IL (max)
V
DD (min)
t
PC
V
DD (min)
V
IH (min)
V
IH (min)
V
IH (min)
t
PD
t
PD
t
PU
t
PU
V
DD
CE
V
IL (max)
V
IL (max)
V
DD (min)
V
DD (min)
t
PC
t
PC
V
DD (min)
V
DD (min)
V
IH (min)
V
IH (min)


Numéro de pièce similaire - FM16W08

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM16W08-SGTR CYPRESS-FM16W08-SGTR Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
More results

Description similaire - FM16W08

FabricantNo de pièceFiches techniqueDescription
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V020 CYPRESS-FM28V020 Datasheet
410Kb / 16P
   256Kbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM16W08 CYPRESS-FM16W08 Datasheet
326Kb / 18P
   64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com