Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPL0401B-10DCKR Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce TPL0401B-10DCKR
Description  128 TAPS Single Channel Digital Potentiometer with I2C Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TPL0401B-10DCKR Fiches technique(HTML) 10 Page - Texas Instruments

Back Button TPL0401B-10DCKR Datasheet HTML 6Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 7Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 8Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 9Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 10Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 11Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 12Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 13Page - Texas Instruments TPL0401B-10DCKR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
SDA
SCL
Data Line
Stable
Data Valid
Change
of Data
Allowed
Data Output
by Transmitter
Data Output
by Receiver
SCL from
Master
NACK
Start
Condition
ACK
Clock Pulse for
Acknowledgment
S
1
2
8
9
TPL0401A
TPL0401B
SLIS144
– SEPTEMBER 2011
www.ti.com
The data byte follows the address ACK. The R/W bit is kept low for transfer from the master to the slave. The
data byte is followed by an ACK sent from this device. Data are output only if complete bytes are received and
acknowledged. The output data is valid at time (tpv) after the low-to-high transition of SCL, during the clock cycle
for the ACK.
On the I2C bus, only one data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the high pulse of the clock period, as changes in the data line at this time are interpreted as control
commands (start or stop) (see Figure 13).
Figure 13. Bit Transfer
A stop condition, a low-to-high transition on the SDA input/output while the SCL input is high, is sent by the
master (see Figure 13).
The number of data bytes transferred between the start and the stop conditions from transmitter to receiver is not
limited. Each byte of eight bits is followed by one ACK bit. The transmitter must release the SDA line before the
receiver can send an ACK bit.
A slave receiver that is addressed must generate an ACK after the reception of each byte. The device that
acknowledges has to pull down the SDA line during the ACK clock pulse so that the SDA line is stable low during
the high pulse of the ACK-related clock period (see Figure 14). Setup and hold times must be taken into account.
Figure 14. Acknowledgement on the I2C Bus
10
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): TPL0401A TPL0401B


Numéro de pièce similaire - TPL0401B-10DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0401B-10DCKR TI1-TPL0401B-10DCKR Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B-10DCKR TI-TPL0401B-10DCKR Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B-10DCKR TI1-TPL0401B-10DCKR Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401B-10DCKR TI1-TPL0401B-10DCKR Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
More results

Description similaire - TPL0401B-10DCKR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPL0401A TI1-TPL0401A_12 Datasheet
671Kb / 21P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A-10-Q1 TI1-TPL0401A-10-Q1 Datasheet
476Kb / 31P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_17 Datasheet
1Mb / 33P
[Old version datasheet]   128-TAPS Single-Channel Digital Potentiometer With I2C Interface
TPL0401A-10 TI-TPL0401A-10_15 Datasheet
839Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
TPL0401A TI1-TPL0401A_16 Datasheet
882Kb / 22P
[Old version datasheet]   128 TAPS Single Channel Digital Potentiometer with I2C Interface
logo
ON Semiconductor
CAT5132ZI-10 ONSEMI-CAT5132ZI-10 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
CAT5136 ONSEMI-CAT5136 Datasheet
173Kb / 11P
   Digital Potentiometers (POTs) with 128 Taps and I2C Interface
July, 2013 ??Rev. 1
logo
Texas Instruments
TPL0501 TI1-TPL0501 Datasheet
516Kb / 19P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI-TPL0501-100_15 Datasheet
947Kb / 22P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
TPL0501-100 TI1-TPL0501-100 Datasheet
775Kb / 21P
[Old version datasheet]   256 Taps Single Channel Digital Potentiometer With SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com