Moteur de recherche de fiches techniques de composants électroniques |
|
T-10224 Fiches technique(PDF) 1 Page - Rhombus Industries Inc. |
|
T-10224 Fiches technique(HTML) 1 Page - Rhombus Industries Inc. |
|
1 / 1 page NAME: RHOMBUS INDUSTRIES INC. FSCM NO. 16714 SHEET: DATE: RHOMBUS P/N: CUST P/N: 15801 Chemical Lane, Huntington Beach, CA 92649 Phone: (714) 898-0960 FAX: (714) 896-0971 Rhombus Transformers & Magnetic Products Industries Inc. 1 OF 1 11/7/96 T-10224 R UL 1459 Recognized T1/CEPT PULSE TRANSFORMER SCHEMATIC DIAGRAM: Flammability: Materials used in the production of these units meet requirements of UL94-VO and IEC 695-2-2 needle flame test. Temperature Characteristics: -40o C 700 µH min. (40% drop in inductance) +85o C 1.4 mH min. (15% growth in inductance) Typical part: 1.7 mH @ +25o C 2.0 mH @ +85o C 1.0 mH @ -40o C Parts shipped in anti-static tubes. 50 pieces per tube PHYSICAL DIMENSIONS All dimensions in inches (mm): PARAMETER MIN. MAX. UNITS Open Circuit Inductance 1.2 mHy Leakage Inductance 0.80 µHy Interwinding Capacitance (C W/W)35 pF Primary DC Resistance 0.7 ohms Secondary DC Resistance 0.9 ohms Isolation (HI-POT) 1.5 KV RMS ET Product 10 V µS Common Mode Rejection 50 dB ( @ 1MHz in 100 Ω System) TEST CONDITIONS: Oscillation Voltage = 20mV Oscillation Frequency = 100.0 KHz Inductance measured on Primary winding. Pins 1 - 5. Turns Ratio ( + 5% ) 1:1.36CT www.rhombus-ind.com |
Numéro de pièce similaire - T-10224 |
|
Description similaire - T-10224 |