Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST121005 Fiches technique(PDF) 1 Page - E-SWITCH

No de pièce ST121005
Description  E-SWITCH 100DP1T1B1M1QEH
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  E-SWITCH [E-SWITCH]
Site Internet  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST121005 Fiches technique(HTML) 1 Page - E-SWITCH

  ST121005 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100DP1T1B1M1QEH
2:1
9/21/2011
ST121005
B
BGL
1
1
WITHOUT LOCING RING
WITH LOCKING RING
PANEL MOUNTING
1
2
3
36
B
20170
REVISED AND REDRAWN
9/21/11
BGL
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: SILVER
5. CONTCAT RATING: 2A @ 250VAC, 5A @ 120VAC OR 28 VDC
6. ELECTRIC LIFE: 40,000 MAKE-AND-BREAK CYCLES AT FULL LOAD.
7. CONTACT RESISTANCE: 10mΩ MAX. INITIAL @ 2-4VDC
8. INSULATION RESISTANCE: 1,000 MΩ MIN.
9. DIELECTRIC STRENGTH: 1,000 V RMS @SEA LEVEL.
10. OPERATING TEMP.: -30°C to 85°C
11.
DENOTES CRITICAL PARAMETER.
12. 2002/95/EC (ROHS) COMPLIANT
13. HARDWARE TO BE SUPPLIED BULK:
T100011 - LOCK WASHER
QTY - 1
T100015 - LOCK RING
QTY - 1
T100000 - HEX NUT
QTY - 2
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
ON
2-3, 5-6
N/A
2-1, 5-4
2
13
CIRCUIT: DPDT
E-SWITCH
MARKING ON
OPPOSITE SIDE
8.89
[.350 in]
12.70
[.500 in]
11.43
[.450 in]
3.96
[.156 in]
5
46
25
~
POS. 1
POS. 3
2.03
[.080 in]
4.83
[.190 in]
.76
[.030 in]
4.70
[.185 in]
EPOXY SEAL
8.89
[.350 in]
1/4-40 UNS - 2A
10.41
[.410 in]
1.52
[.060 in]
KEYWAY
2.92
[.115 in]
n
.71
[.028 in]
1.02
[.040 in]
.85
[.033 in]
.55
[.022 in]
n6.35
[.250 in]
n6.35
[.250 in]
n2.38
[.094 in]
6.10
[.240 in]


Numéro de pièce similaire - ST121005

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
ST121005 E-SWITCH-ST121005 Datasheet
174Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Description similaire - ST121005

FabricantNo de pièceFiches techniqueDescription
logo
E-SWITCH
KC52A30.001NPS E-SWITCH-KC52A30.001NPS Datasheet
272Kb / 1P
   E-SWITCH KC52A30.001NPS
MS0850500F060S1A E-SWITCH-MS0850500F060S1A Datasheet
57Kb / 1P
   E-SWITCH MS0850500F060S1A
MS0850504F020S1A E-SWITCH-MS0850504F020S1A Datasheet
59Kb / 1P
   E-SWITCH MS0850504F020S1A
RC1083BBLKBLKGF0 E-SWITCH-RC1083BBLKBLKGF0 Datasheet
56Kb / 1P
   E-SWITCH RC1083BBLKBLKGF0
RR111C1121 E-SWITCH-RR111C1121 Datasheet
76Kb / 1P
   E-SWITCH RR111C1121
RR511D1121 E-SWITCH-RR511D1121 Datasheet
68Kb / 1P
   E-SWITCH RR511D1121
RR812C1121 E-SWITCH-RR812C1121 Datasheet
81Kb / 1P
   E-SWITCH RR812C1121
ST143D00 E-SWITCH-ST143D00 Datasheet
63Kb / 1P
   E-SWITCH ST143D00
100SP1T1B1M2QEH E-SWITCH-100SP1T1B1M2QEH Datasheet
190Kb / 1P
   E-SWITCH 100SP1T1B1M2QEH
100SP3T1B1M1REH E-SWITCH-100SP3T1B1M1REH Datasheet
119Kb / 1P
   E-SWITCH 100SP3T1B1M1REH
More results


Html Pages

1


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com