Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

6NS160 Fiches technique(PDF) 2 Page - Naina Semiconductor ltd.

No de pièce 6NS160
Description  Standard Recovery Diodes (Stud Version)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NAINA [Naina Semiconductor ltd.]
Site Internet  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

6NS160 Fiches technique(HTML) 2 Page - Naina Semiconductor ltd.

  6NS160 Datasheet HTML 1Page - Naina Semiconductor ltd. 6NS160 Datasheet HTML 2Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Naina Semiconductor
2
D-95, Sector 63, Noida
sales@nainasemi.com
Thermal & Mechanical Specifications (TE
Symbol
Parameters
Rth(JC)
Maximum thermal resistance, junction to case
TJ
Operating junction temperature range
Tstg
Storage temperature
Mounting torque (non-lubricated threads)
W
Approximate allowable weight
emiconductor Ltd.
Sector 63, Noida – 201301, India
Tel: 0120-4205450
Fax: 0120
sales@nainasemi.com
www.nainasemi.com
ALL DIMENSIONS IN MM
E = 25
0C, unless otherwise noted)
Parameters
Maximum thermal resistance, junction to case
Operating junction temperature range
-65 to 150
-65 to 150
lubricated threads)
0.14 (min)
Approximate allowable weight
6NS(R)
4205450
Fax: 0120-4273653
www.nainasemi.com
Values
Units
2.5
0C/W
65 to 150
0C
65 to 150
0C
0.14 (min) - 0.17 (max)
7
g


Numéro de pièce similaire - 6NS160

FabricantNo de pièceFiches techniqueDescription
logo
RUBYCON CORPORATION
6NSX47M RUBYCON-6NSX47M Datasheet
82Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
logo
Naina Semiconductor ltd...
6NS NAINA-6NS_17 Datasheet
651Kb / 2P
   Standard Recovery Diodes (Stud Version), 6A
More results

Description similaire - 6NS160

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
SD600N IRF-SD600N Datasheet
264Kb / 8P
   STANDARD RECOVERY DIODES Stud Version
SD150N IRF-SD150N Datasheet
211Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
70300U IRF-70300U Datasheet
210Kb / 7P
   STANDARD RECOVERY DIODES Stud Version
SD500N IRF-SD500N Datasheet
191Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
200HF IRF-200HF Datasheet
180Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
130HF IRF-130HF Datasheet
309Kb / 6P
   STANDARD RECOVERY DIODES Stud Version
logo
Naina Semiconductor ltd...
25NS NAINA-25NS Datasheet
109Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS Datasheet
114Kb / 2P
   Standard Recovery Diodes (Stud Version)
55NS NAINA-55NS Datasheet
113Kb / 2P
   Standard Recovery Diodes (Stud Version)
12NS NAINA-12NS_1 Datasheet
117Kb / 2P
   Standard Recovery Diodes (Stud Version)
16NS NAINA-16NS_11 Datasheet
115Kb / 2P
   Standard Recovery Diodes (Stud Version)
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com