Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS9024-CKBE3 Fiches technique(PDF) 8 Page - Gennum Corporation

No de pièce GS9024-CKBE3
Description  Automatic Cable Equalizer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9024-CKBE3 Fiches technique(HTML) 8 Page - Gennum Corporation

Back Button GS9024-CKBE3 Datasheet HTML 4Page - Gennum Corporation GS9024-CKBE3 Datasheet HTML 5Page - Gennum Corporation GS9024-CKBE3 Datasheet HTML 6Page - Gennum Corporation GS9024-CKBE3 Datasheet HTML 7Page - Gennum Corporation GS9024-CKBE3 Datasheet HTML 8Page - Gennum Corporation GS9024-CKBE3 Datasheet HTML 9Page - Gennum Corporation GS9024-CKBE3 Datasheet HTML 10Page - Gennum Corporation GS9024-CKBE3 Datasheet HTML 11Page - Gennum Corporation GS9024-CKBE3 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
GS9024 Data Sheet
521-70-10
February 2005
8 of 16
Figure 4-3: Additive Jitter vs. Input Cable Length — Belden 8281
Figure 4-4: SSI/CD Voltage vs. Cable Length — Belden 8281 (CD_ADJ = 0V)
Figure 4-5: Carrier Detect Adjust Voltage Threshold Characteristics
0
200
400
600
800
1000
1200
1400
1500
0
50
100
150
200
250
300
350
CABLE LENGTH (m)
540Mb/s
270Mb/s
5.00
4.50
4.00
3.50
3.00
2.50
0
50
100
150
200
250
300
350
400
450
500
CABLE LENGTH (m)
200
250
300
350
400
CABLE LENGTH (m)
2.0
3.0
3.5
4.0
4.5
5.0
2.5


Numéro de pièce similaire - GS9024-CKBE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9024-CKB GENNUM-GS9024-CKB Datasheet
148Kb / 8P
   Automatic Cable Equalizer
More results

Description similaire - GS9024-CKBE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9024 GENNUM-GS9024 Datasheet
148Kb / 8P
   Automatic Cable Equalizer
GS9024C GENNUM-GS9024C Datasheet
496Kb / 8P
   Automatic Cable Equalizer
logo
Semtech Corporation
GS2964 SEMTECH-GS2964 Datasheet
826Kb / 17P
   Adaptive Cable Equalizer
EBK-GS2984-00 SEMTECH-EBK-GS2984-00 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
GS2984 SEMTECH-GS2984 Datasheet
916Kb / 20P
   Adaptive Cable Equalizer
logo
Gennum Corporation
GS1524A GENNUM-GS1524A_09 Datasheet
681Kb / 16P
   Adaptive Cable Equalizer
logo
Semtech Corporation
GS1674 SEMTECH-GS1674 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GV8601 SEMTECH-GV8601 Datasheet
1Mb / 16P
   Adaptive Cable Equalizer
GS9074A SEMTECH-GS9074A Datasheet
1Mb / 17P
   Adaptive Cable Equalizer
logo
National Semiconductor ...
LMH0034 NSC-LMH0034 Datasheet
491Kb / 7P
   Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com