Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS9005BCPJE3 Fiches technique(PDF) 10 Page - Gennum Corporation

No de pièce GS9005BCPJE3
Description  Serial Digital Receiver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS9005BCPJE3 Fiches technique(HTML) 10 Page - Gennum Corporation

Back Button GS9005BCPJE3 Datasheet HTML 5Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 6Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 7Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 8Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 9Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 10Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 11Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 12Page - Gennum Corporation GS9005BCPJE3 Datasheet HTML 13Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10 of 10
32466 - 1
NOT
RECOMMENDED
FOR
NEW
DESIGNS
VCO Frequency Setting Resistors
There are two modes of VCO operation available in the
GS9005B. When the ƒ/2 ENABLE (pin 10) is LOW, any of the
four VCO frequency setting resistors, RVCO0 through RVCO3
(pins 13, 14, 15 and 17)maybeusedforanydatarate from 100
Mb/s to over 400 Mb/s. For example, for 143 Mb/s data
rate, the value of the total R
VCO resistance is approximately
6k8 and for 270 Mb/s operation, the value is approximately
3k5. The 5k potentiometers will then tune the desired data
rate near their mid-points.
Jitter performance at the lower data rates (143, 177 Mb/s) is
improved by operating the VCO at twice the normal frequency.
This is accomplished by enabling the ƒ/2 function which
activates an additional divide by two block in the PLL section
of the GS9005B.
When the ƒ/2 ENABLE is HIGH two of the RVCO pins are
assigned to data rates below 200 Mb/s and two are assigned
to data rates over 200 Mb/s.
The selection is dependent upon the level of the STANDARD
SELECT BIT, SS1 (pin 21). When SS1 is LOW, RVCO0 and
RVCO1 (pins 13 and 14) are used for the higher data rates.
When SS1 is HIGH, the VCO frequency is now twice the bit rate
and its frequency is set by RVCO2 and RVCO3 (pins 15 and
17).
For 143 Mb/s and 270 Mb/s operation, (the VCO is at 286 MHz
and 270 MHz respectively) the total resistance required is
approximately the same for both data rates. This also applies
for 177 Mb/s and 360 Mb/s operation (the VCO is tuned
to 354 MHz and 360 MHz respectively). This means that one
potentiometer may be used for each frequency pair with only
a small variation of the fixed resistor value. This halves the
number of adjustments required.
Fig. 15 GS9005B Typical Test Circuit Using -5V Supply
All resistors in ohms, all capacitors in microfarads, all inductors in henries unless otherwise stated.
10µ
ECL
DATA
INPUTS
0.1µ
DATA
DATA
CLOCK
100
100
100
100
390
390
390
390
0.1µ
+
0.1µ
25
24
23
22
21
20
19
5
6
7
8
9
10
11
4
3 2
1 28 27 26
12 13 14 15 16 17 18
910
22n
75
113
75
47p
-5V
-5V
-5V
÷1
÷2
0.1µ
47p
0.1µ
-5V
10k
CARRIER
DETECT
OUTPUT
INPUT
GS9005B
DDI
DDI
VCC2
SDI
SDI
ƒ/2
VEE3
SDO
SDO
SCO
SCO
SS1
SS0
CD
SSI
LOOP
VOLTAGE
See Figure 18
ANALOG
DIGITAL
5.6p
-5V
-5V
-5V
-5V
-5V
10n
STAR
ROUTED
CLOCK


Numéro de pièce similaire - GS9005BCPJE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9005BCPJE3 GENNUM-GS9005BCPJE3 Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results

Description similaire - GS9005BCPJE3

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS9025A GENNUM-GS9025A_05 Datasheet
337Kb / 18P
   Serial Digital Receiver
GS9005A GENNUM-GS9005A Datasheet
269Kb / 12P
   Serial Digital Receiver
GS9025A GENNUM-GS9025A Datasheet
192Kb / 18P
   Serial Digital Receiver
GS7025 GENNUM-GS7025 Datasheet
134Kb / 13P
   Serial Digital Receiver
GS7025 GENNUM-GS7025_09 Datasheet
1Mb / 23P
   PRO-LINX Serial Digital Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS7005 GENNUM-GS7005 Datasheet
111Kb / 12P
   Complete Serial Digital Video Receiver
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS9005B GENNUM-GS9005B Datasheet
132Kb / 12P
   GENLINX-TM GS9005B Serial Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com