Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS40400_1110 Fiches technique(PDF) 9 Page - Texas Instruments

No de pièce TPS40400_1110
Description  3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS40400_1110 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TPS40400_1110 Datasheet HTML 5Page - Texas Instruments TPS40400_1110 Datasheet HTML 6Page - Texas Instruments TPS40400_1110 Datasheet HTML 7Page - Texas Instruments TPS40400_1110 Datasheet HTML 8Page - Texas Instruments TPS40400_1110 Datasheet HTML 9Page - Texas Instruments TPS40400_1110 Datasheet HTML 10Page - Texas Instruments TPS40400_1110 Datasheet HTML 11Page - Texas Instruments TPS40400_1110 Datasheet HTML 12Page - Texas Instruments TPS40400_1110 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
TPS40400
www.ti.com
SLUS930B
– APRIL 2011 – REVISED OCTOBER 2011
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Signal ground for the controller. Connect the ground of signal level circuits to this pin. Connections should be
SGND
PAD
-
arranged so that power level currents do not flow in the pad attached to the thermal plane or in the SGND
portion of the circuit.
SMBALRT
23
O
Output used to signal that PMBus host that the controller needs attention.
This is the common connection for the flying high-side FET driver and also serve as a sense line for the adaptive
SW
17
I
anti-cross-conduction circuitry
Logic level input to the oscillator inside the controller. The oscillator resets on the rising edge of a pulse train
SYNC
4
I
applied to this pin and begin a new switching cycle.
Analog input to the non inverting side of the control loop error amplifier. The error amplifier has three inputs
(voltage reference, TRACK and soft-start ramp) to it
’s “+” side, and the lowest voltage applied to these three
TRACK
5
I
inputs dominate and control the output voltage of the whole converter. This pin is to allow the user to configure a
voltage divider that allows the controller output follow an external reference voltage during startup.
VDD
20
I
Input power connection for the device. 3.0 V to 20 V required.
VSNS+
9
I
Non-inverting input to the unity gain remote voltage sense amplifier.
VSNS
10
I
Inverting input to the unity gain remote voltage sense amplifier.
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :TPS40400


Numéro de pièce similaire - TPS40400_1110

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
More results

Description similaire - TPS40400_1110

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS40400 TI1-TPS40400 Datasheet
761Kb / 56P
[Old version datasheet]   3.0-V TO 20-V PMBus SYNCHRONOUS BUCK CONTROLLER
TPS40400 TI-TPS40400_15 Datasheet
2Mb / 82P
[Old version datasheet]   TPS40400 3-V to 20-V PMBus Synchronous Buck Controller
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A_15 Datasheet
726Kb / 19P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40345 TI1-TPS40345 Datasheet
1Mb / 26P
[Old version datasheet]   3-V to 20-V Input Synchronous Buck Controller
TPS40303 TI-TPS40303 Datasheet
1Mb / 29P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40304A TI-TPS40304A Datasheet
445Kb / 18P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
TPS40303 TI-TPS40303_15 Datasheet
2Mb / 37P
[Old version datasheet]   TPS4030x 3-V to 20-V Input Synchronous Buck Controller
TPS40195RGYTG4 TI-TPS40195RGYTG4 Datasheet
1Mb / 44P
[Old version datasheet]   4.5-V TO 20-V SYNCHRONOUS BUCK CONTROLLER WITH SYNCHRONIZATION AND
TPS544B20 TI1-TPS544B20 Datasheet
2Mb / 75P
[Old version datasheet]   4.5-V to 18-V, 20-A, and 30-A SWIFT Synchronous Buck Converters with PMBus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com