Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS2975ACNTE3Z Fiches technique(PDF) 5 Page - Gennum Corporation

No de pièce GS2975ACNTE3Z
Description  HD-LINX짰 III Multi-Rate SDI Automatic Reclocker with Dual Differential Outputs
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2975ACNTE3Z Fiches technique(HTML) 5 Page - Gennum Corporation

  GS2975ACNTE3Z Datasheet HTML 1Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 2Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 3Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 4Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 5Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 6Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 7Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 8Page - Gennum Corporation GS2975ACNTE3Z Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
GS2975A HD-LINX® III Multi-Rate SDI Automatic
Reclocker with Dual Differential Outputs
Data Sheet
41487 - 4
April 2009
5 of 27
1.2 GS2975A Pin Descriptions
Table 1-1: Pin Descriptions
Pin Number
Name
Type
Description
1, 3
DDI0, DDI0
Input
Serial digital differential input 0.
2
DDI0_VTT
Passive
Center tap of two 50Ω on-chip termination resistors between DDI0 and
DDI0.
4, 8, 12,16, 32,
43, 49
GND
Passive
Recommended connect to GND.
5, 7
DDI1,DDI1
Input
Serial digital differential input 1.
6
DDI1_VTT
Passive
Center tap of two 50Ω on-chip termination resistors between DDI1 and
DDI1.
9, 11
DDI2, DDI2
Input
Serial digital differential input 2.
10
DDI2_VTT
Passive
Center tap of two 50Ω on-chip termination resistors between DDI2 and
DDI2.
13, 15
DDI3, DDI3
Input
Serial digital differential input 3.
14
DDI3_VTT
Passive
Center tap of two 50Ω on-chip termination resistors between DDI3 and
DDI3.
17, 18
DDI_SEL[1:0]
Logic Input
Serial digital input select.
19
BYPASS
Logic Input
Bypass the reclocker stage.
When BYPASS is HIGH, it overwrites the AUTOBYPASS setting.
20
AUTOBYPASS
Logic Input
Automatically bypasses the reclocker stage when the PLL is not locked
This pin is ignored when BYPASS is HIGH.
21
AUTO/MAN
Logic Input
Auto/Manual select.
When set HIGH, the standard is automatically detected from the input data
rate. When set LOW, the user must program the input standard using the
SS[2:0] pins.
22
VCC_VCO
Power
Most positive power supply connection for the internal VCO section.
Connect to 3.3V.
23
VEE_VCO
Power
Most negative power supply connection for the internal VCO section.
Connect to GND.
DDI_SEL1
DDI_SEL0
INPUT SELECTED
0
0
DDI0
0
1
DDI1
1
0
DDI2
1
1
DDI3


Numéro de pièce similaire - GS2975ACNTE3Z

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
More results

Description similaire - GS2975ACNTE3Z

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
GS2975A SEMTECH-GS2975A Datasheet
1,005Kb / 27P
   HD-LINX짰 III Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS9076 GENNUM-GS9076 Datasheet
458Kb / 25P
   HD-LINX III SD-SDI Automatic Reclocker with Dual Differential Outputs
GS1535A GENNUM-GS1535A_06 Datasheet
455Kb / 27P
   Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS1575B SEMTECH-GS1575B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Gennum Corporation
GS1575B GENNUM-GS1575B Datasheet
1Mb / 28P
   HD-LINX II Multi-Rate SDI Automatic Reclocker
logo
Semtech Corporation
GS9075B SEMTECH-GS9075B Datasheet
1Mb / 28P
   Multi-Rate SDI Automatic Reclocker
logo
Texas Instruments
LMH0046 TI1-LMH0046_14 Datasheet
2Mb / 20P
[Old version datasheet]   HD/SD SDI Reclocker With Dual Differential Outputs
LMH0346 TI1-LMH0346 Datasheet
883Kb / 23P
[Old version datasheet]   HD/SD SDI Reclocker with Dual Differential Outputs
LMH0046MH TI-LMH0046MH Datasheet
2Mb / 20P
[Old version datasheet]   LMH0046 HD/SD SDI Reclocker With Dual Differential Outputs
logo
Gennum Corporation
GS1535 GENNUM-GS1535 Datasheet
313Kb / 22P
   GS1535 HD-LINX II-TM Multi-Rate SDI Automatic Reclocker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com