Moteur de recherche de fiches techniques de composants électroniques |
|
GS1574A Fiches technique(PDF) 5 Page - Gennum Corporation |
|
GS1574A Fiches technique(HTML) 5 Page - Gennum Corporation |
5 / 16 page GS1574A HD-LINX® II Adaptive Cable Equalizer Data Sheet 33416 - 10 August 2011 5 of 16 9 VEE_D Analog Power Most negative power supply for the digital circuitry and output buffer. Connect to GND. 10, 11 SDO, SDO Analog Output Equalized serial digital differential output. 12 VEE_D Analog Power Most negative power supply for the digital circuitry and output buffer. Connect to GND. 13 VCC_D Analog Power Most positive power supply for the digital I/O pins of the device. Connect to +3.3V DC. 14 MUTE Not Synchronous Input CONTROL SIGNAL INPUT levels are LVCMOS/LVTTL compatible. (3.3V Tolerant) When the MUTE pin is set HIGH by the application interface, the serial digital output of the device will be forced to a steady state. When the MUTE pin is set LOW, the serial digital output of the device will be active. NOTE: This pin may be connected directly to the CD pin to allow mute on loss of carrier. 15 CD Not Synchronous Output STATUS SIGNAL OUTPUT Signal levels are LVCMOS/LVTTL compatible. Indicates the presence of a good input signal. When the CD pin is LOW, a good input signal has been detected. When this pin is HIGH, the input signal is invalid. This pin will indicate loss of carrier for data rates > 19Mb/s. 16 VCC_A Analog Power Most positive power supply for the analog circuitry of the device. Connect to +3.3V DC. – Center Pad – Power Internally bonded to VEE_A. Table 1-1: GS1574A Pin Descriptions (Continued) Pin Number Name Timing Type Description |
Numéro de pièce similaire - GS1574A |
|
Description similaire - GS1574A |