Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GS1531 Fiches technique(PDF) 8 Page - Gennum Corporation

No de pièce GS1531
Description  Multi-Rate Serializer with ClockCleaner
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GENNUM [Gennum Corporation]
Site Internet  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1531 Fiches technique(HTML) 8 Page - Gennum Corporation

Back Button GS1531 Datasheet HTML 4Page - Gennum Corporation GS1531 Datasheet HTML 5Page - Gennum Corporation GS1531 Datasheet HTML 6Page - Gennum Corporation GS1531 Datasheet HTML 7Page - Gennum Corporation GS1531 Datasheet HTML 8Page - Gennum Corporation GS1531 Datasheet HTML 9Page - Gennum Corporation GS1531 Datasheet HTML 10Page - Gennum Corporation GS1531 Datasheet HTML 11Page - Gennum Corporation GS1531 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
GS1531 Data Sheet
30573 - 7
February 2008
8 of 50
B8, F8, J8
IO_GND
Power
Ground connection for digital I/O buffers. Connect to digital GND.
C2
PD_VDD
Power
Power supply connection for the phase detector. Connect to +1.8V DC
analog.
C3
PD_GND
Power
Ground connection for the phase detector. Connect to analog GND.
D5
DVB_ASI
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set HIGH in conjunction with SD/HD = HIGH and SMPTE_BYPASS
= LOW, the device will be configured to operate in DVB-ASI mode.
When set LOW, the device will not support the encoding of received
DVB-ASI data.
D6
LOCKED
Synchronous
with PCLK
Output
STATUS SIGNAL OUTPUT
Signal levels are LVCMOS / LVTTL compatible.
The LOCKED signal will be HIGH whenever the device has correctly
received and locked to SMPTE compliant data in SMPTE mode or
DVB-ASI compliant data in DVB-ASI mode, or when the device has
achieved lock in Data-Through mode.
It will be LOW otherwise.
E4
SD/HD
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
When set LOW, the device will be configured to transmit signal rates of
1.485Gb/s or 1.485/1.001Gb/s only.
When set HIGH, the device will be configured to transmit signal rates of
270Mb/s only.
E5, F5
CORE_GND
Power
Ground connection for the digital core logic. Connect to digital GND.
E6, F6
CORE_VDD
Power
Power supply connection for the digital core logic. Connect to +1.8V DC
digital.
F1
RSV
Connect to Analog GND.
F4
20bit/10bit
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS/LVTTL compatible.
Used to select the input data bus width in SMPTE or Data-Through
modes.
When set HIGH, the parallel input will be 20-bit demultiplexed data.
When set LOW, the parallel input will be 10-bit multiplexed data.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Numéro de pièce similaire - GS1531

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1531-CB GENNUM-GS1531-CB Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1531-CBE2 GENNUM-GS1531-CBE2 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
More results

Description similaire - GS1531

FabricantNo de pièceFiches techniqueDescription
logo
Gennum Corporation
GS1532 GENNUM-GS1532_07 Datasheet
827Kb / 51P
   Multi-Rate Serializer with ClockCleaner
GS1582 GENNUM-GS1582_09 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
GS1582 GENNUM-GS1582 Datasheet
1Mb / 114P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner?
logo
Semtech Corporation
GS1582 SEMTECH-GS1582 Datasheet
2Mb / 115P
   Multi-Rate Serializer with Cable Driver, Audio Multiplexer and ClockCleaner
logo
Gennum Corporation
GS1531 GENNUM-GS1531 Datasheet
848Kb / 49P
   GS1531 HD-LINX-TM II Multi-Rate Serializer
GS1532 GENNUM-GS1532 Datasheet
862Kb / 52P
   GS1532 HD-LINX-TM II Multi-Rate Serializer
GS9062 GENNUM-GS9062_07 Datasheet
764Kb / 46P
   HD-LINX II SD-SDI and DVB-ASI Serializer with ClockCleaner
GS4915 GENNUM-GS4915_09 Datasheet
741Kb / 27P
   ClockCleaner
logo
Semtech Corporation
GS4915 SEMTECH-GS4915 Datasheet
741Kb / 27P
   ClockCleaner?
logo
Gennum Corporation
GS4915 GENNUM-GS4915 Datasheet
648Kb / 26P
   ClockCleaner?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com